Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1KFS020 Datasheet(PDF) 2 Page - Storm Interface

Part # 1KFS020
Description  2000 Series tough impact resistant keypads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STORMINTERFACE [Storm Interface]
Direct Link  https://www.storm-interface.com/
Logo STORMINTERFACE - Storm Interface

1KFS020 Datasheet(HTML) 2 Page - Storm Interface

  1KFS020 Datasheet HTML 1Page - Storm Interface 1KFS020 Datasheet HTML 2Page - Storm Interface  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2000 Series tough impact resistant keypads
118.50
19.00
19.00
82.50
93.00
99.50
63.50
19.00
19.00
74.00
42.50
19.00
25.00
Ø 4.5 typ
10.50
2.5
8
11.1
•••••
5 4 3 2 1
COMMON
1
A
B
C
D
KEY LOCATION
CONTACT CONNECTIONS
(As viewed from rear of keypad)
Connection Details
for 4 Key Keypad
(As viewed from front of keypad)
1
2
3
4
5
common
D
C
B
A
CONNEC.
PIN
ROW/
COLUMN
CONTACT
MATRIX
(12
Ke
(16
123
A
B
C
D
KEY LOCATION
CONTACT CONNECTIONS
••••••••
8 7 6 5 4 3 2 1
(As viewed from rear of keypad)
Connection Details
for 12 Key Keypad
(As viewed from front of keypad)
1
2
3
4
5
6
7
8
A
B
1
2
3
-
D
C
CONNEC.
PIN
ROW/
COLUMN
CONTACT
MATRIX
1234
A
B
C
D
KEY LOCATION
1
2
3
4
5
6
7
8
A
B
1
2
3
4
D
C
CONNEC.
PIN
ROW/
COLUMN
CONTACT
MATRIX
CONTACT CONNECTIONS
••••••••
8 7 6 5 4 3 2 1
(As viewed from rear of keypad)
Connection Details
for 16 Key Keypad
(As viewed from front of keypad)
Suitable for use in harsh industrial and exposed, outdoor environments. Typical applications include
industrial process control, military equipment, instrumentation and access control. Constructed from
an advanced super high impact polymer. These responsive keypads are built to survive.
Overall Dimensions
Mounting & Connection Details
CONTACT CONNECTIONS
••••••••
87654 321
Connection Detai
for 12 Key Keypad
•••••
5 4 3 2 1
CONTACT CONNECTIONS
(As viewed from rear of keypad)
Connection Details
for 4 Key Keypad
CONTACT
MATRIX
Panel Cut-out
Details for Top
Panel Mounting
(1
2 K
ey
)
(1
6 K
ey
)
Countersunk Fixing Screws (Not Supplied)
(Threads must be sealed to prevent water ingress)
Ø 4.5
(1
2 K
ey
)
(1
6 K
ey)
Pa
De
Pa
Sealing
Gasket
(Not supplied with
4000 series)
All dimensions are in mm
pplied)
ingress)
Sealing
Gasket
(Not supplied with
4000 series)
Panel Cut-out
Details for Under
Panel Mounting
25.50
(4Key)
64.00
(12
Key)
83.00
(16
Key)
82.50
83.00
R 3.75
74.00
(12
Key)
93.00
(16
Key)
93.00
(4, 12
& 16
Key)
h
Part No.s
2K0421 (F1-F4)
2K0411 (
)
2K12T1 (Tel. Format)
2K1201 (Calc. Format)
2K16T1 (Tel. Format)
2K1601 (Calc. Format)
FM 39602
003
2000-LIT-01 Rev 3
July 2007
Whilst every effort is made to ensure details
are correct at time of print, specifications
are subject to change without notice.
Designed & produced by
NIK Design
www.nikdesign.co.uk
UK Office:
Storm Interface
14 Bentinck Court
Bentinck Road
West Drayton
Middlesex UB7 7RQ
Tel: +44 (0)1895 431421
Fax: +44 (0)1895 431132
Email: sales@storm-interface.com
www.storm-interface.com
Storm is a trademark of Keymat Technology Ltd
Storm Interface is a trading name of Keymat Technology Ltd
Storm Interface products include
technology protected by international patents
and design registration. All rights reserved.
USA Office:
Storm Interface
600 Enterprise Drive
Oak Brook
Illinois 60523 USA
Tel: +1 (630) 472 5360
Fax: +1 (630) 472 5364
Email: sales.usa@storm-keypads.com
Electrical
Contact Bounce
5ms (max)
Contact Resistance
100 ohms (max)
Insulation Resistance
50 Mohms (min)
Breakdown Voltage
500V AC (max 60 secs.)
Operating Voltage
24V DC (max)
Operating Current
50mA (max)
Mechanical
Operational Life
4 million cycles (min) per key
Keytop Travel
1.4mm nominal
Actuation Force
180gms nominal
Connector
0.1" pitch, gold plated square pin,
male connector
Material
Casing
Super High Impact Polymer
(mid grey)
Keytops
Super High Impact Polymer
(mid grey)
Keytop Legends
Engraved
Contact Circuit
Gold on Nickel plated FR4
Environmental
Water / Dust Sealed
IP65 (when mounted
to suitable enclosure)
Operational Temperature
-25
oC to +85oC (Dry)
Accessories
Item
Stock No.
Notes
PC Interface
4200-000[x]
RS232
Rear Casing
RC12020[x]
Supplied complete with fixing hardware,
Providing space for
sealing gaskets and fixing instructions.
additional components
or circuitry
(12 key formats only)
Blank Keytops
1K0000[x]
Supplied without keytop graphics.
set of four
Suitable for engraving.
Privacy Shield
1KFS020[x]
Supplied complete with fixing hardware,
Provides PIN / Entry
sealing gaskets and fixing instructions.
Code security
12 key only.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com