Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35506 Datasheet(PDF) 1 Page - Wiha Tools

Part # 35506
Description  Bit slimBit electric
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

35506 Datasheet(HTML) 1 Page - Wiha Tools

  35506 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
137
137
Screwdriver with bit holder SoftFinish® electric slimVario
For slimBits
283100
Order-No.
34577
6
30
50
160
13
5
Manufactured acc. to IEC 60900.
Bit slimBit electric
Slotted
2831-10
Order-No.
34578
2,5•
75
0,4
6.0
0,4
5
34579
3,0•
75
0,5
6.0
0,6
5
41159
3,5
75
0,6
6.0
2,5
5
34580
4,0
75
0,8
6.0
2,5
5
34581
5,5
75
1,0
6.0
5,5
5
34582
6,5
75
1,2
6.0
5,5
5
• no slim version
Manufactured acc. to IEC 60900.
Phillips
2831-11
Order-No.
34583
PH1
75
6,0
3.8
5
34584
PH2
75
6,0
5.5
5
Manufactured acc. to IEC 60900.
Pozidriv
2831-12
Order-No.
34585
PZ1
75
6,0
3.8
5
34586
PZ2
75
6,0
5.5
5
Manufactured acc. to IEC 60900.
PlusMinus/Phillips
2831-13
Order-No.
34587
SL/PH1
75
6,0
3.8
5
34588
SL/PH2
75
6,0
5.5
5
Manufactured acc. to IEC 60900.
PlusMinus/Pozidriv
2831-14
Order-No.
34589
SL/PZ1
75
6,0
3.8
5
34590
SL/PZ2
75
6,0
5.5
5
Manufactured acc. to IEC 60900.
TORX®
2831-15
Order-No.
35506
T8•
75
6,0
1.3
5
41160
T9•
75
6,0
1.3
5
35507
T10•
75
6,0
3.8
5
35508
T15
75
6,0
5.0
5
35509
T20
75
6,0
5.5
5
36071
T25
75
6,0
5.5
5
• no slim version
Manufactured acc. to IEC 60900.
Hex
2831-18
Order-No.
37222
1,5•
75
6,0
0.9
5
37223
2•
75
6,0
1.8
5
37224
2,5
75
6,0
3.8
5
37147
3
75
6,0
5.5
5
37225
4
75
6,0
5.5
5
37226
5
75
6,0
5.5
5
37227
6
75
6,0
5.5
5
• no slim version
Manufactured acc. to IEC 60900.
Square
2831-17
Order-No.
35510
#1
2,3
75
6.0
5,5
5
35511
#2
2,8
75
6.0
5,5
5
Manufactured acc. to IEC 60900.


Similar Part No. - 35506

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
35506 WIHA-35506 Datasheet
7Mb / 16P
WORK IN A PERFECTLY PROTECTED WAY
logo
Molex Electronics Ltd.
35506-0510 MOLEX5-35506-0510 Datasheet
122Kb / 2P
2.79mm (.110") MP-Lock??Tab Housing, Female, 5 Circuits
35506-0510 MOLEX11-35506-0510 Datasheet
37Kb / 1P
2.79mm MP-Lock Tab Housing, Female, 5 Circuits
More results

Similar Description - 35506

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91580 FUJITSU-MB91580 Datasheet
662Kb / 2P
32-bit Motor Control MCU for Electric (EV) and Hybrid Electric Vehicles (HEV)
logo
List of Unclassifed Man...
RY240 ETC1-RY240 Datasheet
1Mb / 4P
electric
logo
Festo Corporation.
1347391 FESTO-1347391 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574095 FESTO-574095 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574099 FESTO-574099 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574120 FESTO-574120 Datasheet
91Kb / 2P
Electric actuator
5/8/22
574125 FESTO-574125 Datasheet
91Kb / 2P
Electric actuator
5/8/22
1347393 FESTO-1347393 Datasheet
91Kb / 2P
Electric actuator
5/8/22
2215386 FESTO-2215386 Datasheet
91Kb / 2P
Electric actuator
5/8/22
2295383 FESTO-2295383 Datasheet
85Kb / 2P
Electric actuator
5/8/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com