Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM20144MHX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM20144MHX/NOPB
Description  LM20144/LM20144Q 4A, PowerWise® Adjustable Frequency Synchronous Buck Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM20144MHX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM20144MHX/NOPB Datasheet HTML 15Page - Texas Instruments LM20144MHX/NOPB Datasheet HTML 16Page - Texas Instruments LM20144MHX/NOPB Datasheet HTML 17Page - Texas Instruments LM20144MHX/NOPB Datasheet HTML 18Page - Texas Instruments LM20144MHX/NOPB Datasheet HTML 19Page - Texas Instruments LM20144MHX/NOPB Datasheet HTML 20Page - Texas Instruments LM20144MHX/NOPB Datasheet HTML 21Page - Texas Instruments LM20144MHX/NOPB Datasheet HTML 22Page - Texas Instruments LM20144MHX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
RA =
- 1
VTO
VIH_EN
x RB
EN
VOUT1
RA
RB
LM20144
External
Power Supply
VOUT2
tSS =
0.8V x CSS
ISS
LM20144
www.ti.com
SNVS529G – OCTOBER 2007 – REVISED MARCH 2013
Table 3. Start Up Times for Different Soft-Start Capacitors
Start Up Time (ms)
CSS (nF)
1
none
5
33
10
68
15
100
20
120
If different start up times are needed the equation shown below can be used to calculate the start up time.
(12)
As shown above, the start up time is influenced by the value of the Soft-Start capacitor CSS(F) and the 5 µA Soft-
Start pin current ISS(A). that may be found in the electrical characteristics table.
While the Soft-Start capacitor can be sized to meet many start up requirements, there are limitations to its size.
The Soft-Start time can never be faster than 1 ms due to the internal default 1 ms start up time. When the device
is enabled there is an approximate time interval of 50 µs when the Soft-Start capacitor will be discharged just
prior to the Soft-Start ramp. If the enable pin is rapidly pulsed or the Soft-Start capacitor is large there may not be
enough time for CSS to completely discharge resulting in start up times less than predicted. To aid in discharging
the Soft-Start capacitor during long disable periods an external 1 M
Ω resistor from SS/TRK to ground can be
used without greatly affecting the start-up time.
USING PRECISION ENABLE AND POWER GOOD
The precision enable (EN) and power good (PGOOD) pins of the LM20144 can be used to address many
sequencing requirements. The turn-on of the LM20144 can be controlled with the precision enable pin by using
two external resistors as shown in Figure 32.
Figure 32. Sequencing LM20144 with Precision Enable
The value for resistor RB can be selected by the user to control the current through the divider. Typically this
resistor will be selected to be between 10 k
Ω and 1 MΩ. Once the value for RB is chosen the resistor RA can be
solved using the equation below to set the desired turn-on voltage.
(13)
When designing for a specific turn-on threshold (VTO) the tolerance on the input supply, enable threshold
(VIH_EN), and external resistors needs to be considered to insure proper turn-on of the device.
The LM20144 features an open drain power good (PGOOD) pin to sequence external supplies or loads and to
provide fault detection. This pin requires an external resistor (RPG) to pull PGOOD high while when the output is
within the PGOOD tolerance window. Typical values for this resistor range from 10 k
Ω to 100 kΩ.
TRACKING AN EXTERNAL SUPPLY
By using a properly chosen resistor divider network connected to the SS/TRK pin, as shown in Figure 33, the
output of the LM20144 can be configured to track an external voltage source to obtain a simultaneous or
ratiometric start up.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM20144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com