Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5025ASDX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5025ASDX/NOPB
Description  LM5025A Active Clamp Voltage Mode PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5025ASDX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5025ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 9Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 10Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
LM5025A
www.ti.com
SNVS293F – DECEMBER 2004 – REVISED AUGUST 2016
Product Folder Links: LM5025A
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical limits are for TJ = 25°C, and minimum and maximum limits apply over the operating junction temperature range
(–40°C to 125°C). VIN = 48 V, VCC = 10 V, RT = 31.3 kΩ, RSET = 27.4 kΩ) unless otherwise stated
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SOFT-START
Soft-start current source
normal
TJ = 25°C
22
µA
over full operating junction temperature
17
27
Soft-start current source
following a CS2 event
TJ = 25°C
1
µA
over full operating junction temperature
0.5
1.5
OSCILLATOR
Frequency1
TA = 25°C,
180
200
220
kHz
TJ = Tlow to Thigh
175
225
Frequency2
RT = 10.4 kΩ
TA = 25°C,
580
kHz
TJ = Tlow to Thigh
510
650
Sync threshold
2
V
Min sync pulse width
TJ = Tlow to Thigh
100
ns
Sync frequency range
TJ = Tlow to Thigh
160
kHz
PWM COMPARATOR
Delay to output
COMP step 5 V to 0 V,
Time to onset of OUT_A transition low
40
ns
Duty cycle range
TJ = Tlow to Thigh
0%
80%
COMP to PWM offset
TA = 25°C,
1
V
TJ = Tlow to Thigh
0.7
1.3
COMP open-circuit voltage
TJ = Tlow to Thigh
4.3
5.9
V
COMP short-circuit current
COMP = 0 V
TA = 25°C,
1
mA
TJ = Tlow to Thigh
0.6
1.4
VOLT × SECOND CLAMP
Ramp clamp level
Delta RAMP
measured from onset
of OUT_A to Ramp
peak,
COMP = 5 V
TA = 25°C,
2.5
V
TJ = Tlow to Thigh
2.4
2.6
UVLO SHUTDOWN
Undervoltage shutdown
threshold
TA = 25°C,
2.5
V
TJ = Tlow to Thigh
2.44
2.56
Undervoltage shutdown
hysteresis
TA = 25°C,
20
µA
TJ = Tlow to Thigh
16
24
OUTPUT SECTION
OUT_A high saturation
MOS device at
Iout = –10 mA
TA = 25°C,
5
Ω
TJ = Tlow to Thigh
10
OUTPUT_A peak current
sink
Bipolar Device at Vcc/2
3
A
OUT_A low saturation
MOS device at
Iout = 10 mA
TA = 25°C,
6
Ω
TJ = Tlow to Thigh
9
OUTPUT_A rise time
Cgate = 2.2 nF
20
ns
OUTPUT_A fall time
Cgate = 2.2 nF
15
ns
OUT_B high saturation
MOS device at
Iout = –10 mA
TA = 25°C,
10
Ω
TJ = Tlow to Thigh
20
OUTPUT_B peak current
sink
Bipolar device at Vcc/2
1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com