Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR910 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDR910
Description  POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR910 Datasheet(HTML) 1 Page - Sumida Corporation

  CDR910 Datasheet HTML 1Page - Sumida Corporation CDR910 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR910
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
2
1
2.54
11.3 Max.
9.4 Max.
2.6
◆ Product Description
・12.95×9.4mm Max.(L×W), 11.3mm Max. Height.
・Inductance Range: 10 uH~1.0mH
・Rated current range: 0.44~4.8A
・In addition to the standards versions shown here, custom inductors are also available
to meet your exact requirements.
◆ Feature
・Magnetically unshielded construction.
・Ideally used in Communication devices like ×DSL modem, router and access point.
・RoHS Compliance.
◆ Dimensions (mm)
◆ Land Pattern (mm)
2.79 Ref.


Similar Part No. - CDR910

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR910NP-101MC SUMIDA-CDR910NP-101MC Datasheet
477Kb / 2P
SMD Power Inductor RoHS and Halogen-Free Compliance
CDR910NP-102MC SUMIDA-CDR910NP-102MC Datasheet
477Kb / 2P
SMD Power Inductor RoHS and Halogen-Free Compliance
CDR910NP-151MC SUMIDA-CDR910NP-151MC Datasheet
477Kb / 2P
SMD Power Inductor RoHS and Halogen-Free Compliance
CDR910NP-180MC SUMIDA-CDR910NP-180MC Datasheet
477Kb / 2P
SMD Power Inductor RoHS and Halogen-Free Compliance
CDR910NP-220MC SUMIDA-CDR910NP-220MC Datasheet
477Kb / 2P
SMD Power Inductor RoHS and Halogen-Free Compliance
More results

Similar Description - CDR910

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com