Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV2011MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV2011MA/NOPB
Description  LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2011MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMV2011MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV2011MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV2011MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV2011MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV2011MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV2011MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV2011MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV2011MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV2011MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LMV2011
www.ti.com
SNOSA32C – AUGUST 2003 – REVISED MARCH 2013
2.7V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for T J = 25°C, V
+ = 2.7V, V-= 0V, V
CM = 1.35V, VO = 1.35V and RL > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IO
Sourcing, VO = 0V
12
5
VIN(diff) = ±0.5V
3
Output Current
mA
Sinking, VO = 5V
18
5
V IN(diff) = ±0.5V
3
ROUT
Output Impedance
0.05
IS
0.919
1.20
Supply Current
mA
1.50
2.7V AC Electrical Characteristics
TJ = 25°C, V
+ = 2.7V, V -= 0V, V
CM = 1.35V, VO = 1.35V, and RL > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
GBW
Gain-Bandwidth Product
3
MHz
SR
Slew Rate
4
V/
μs
θ m
Phase Margin
60
Deg
Gm
Gain Margin
−14
dB
en
Input-Referred Voltage Noise
35
nV/
√Hz
in
Input-Referred Current Noise
150
fA/
√Hz
enp-p
Input-Referred Voltage Noise
RS = 100Ω, DC to 10Hz
850
nVpp
trec
Input Overload Recovery Time
50
ms
ts
1%
0.9
AV = −1, RL = 2kΩ
Output Settling Time
0.1%
49
μs
1V Step
0.01%
100
5V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for T J = 25°C, V
+ = 5V, V-= 0V, V
CM = 2.5V, VO = 2.5V and RL > 1MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOS
0.12
25
μV
Input Offset Voltage
35
0.5
10
ms
Offset Calibration Time
12
TCVOS
Input Offset Voltage
0.015
μV/°C
Long-Term Offset Drift
0.006
μV/month
Lifetime VOS Drift
2.5
5
μV
IIN
Input Current
-3
pA
IOS
Input Offset Current
6
pA
RIND
Input Differential Resistance
9
M
CMRR
−0.3 ≤ VCM ≤ 3.2
130
100
dB
Common Mode Rejection Ratio
0
≤ VCM ≤ 3.2
90
PSRR
120
95
dB
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
90
AVOL
130
105
RL = 10kΩ
100
Open Loop Voltage Gain
dB
132
95
RL = 2kΩ
90
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com