| Electronic Components Datasheet Search |
|
LMV712MM/NOPB Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV712MM/NOPB Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 33 page ![]() RF Signal IN OUT U1 GSM PA VPC Directional Coupler C2 U2 Input Coupled Load Output C4 BIAS VCC GSM ANTENNA R5 RLOAD R2 R3 C5 + ± OUT C3 R1 VCC U3 V- R4 SD Shut Down Ramp Up/Down V+ Schottky Diode Detector Copyright © 2016, Texas Instruments Incorporated 21 LMV712-N, LMV712-N-Q1 www.ti.com SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016 Product Folder Links: LMV712-N LMV712-N-Q1 Submit Documentation Feedback Copyright © 2001–2016, Texas Instruments Incorporated Typical Applications (continued) 8.2.2.2 Detailed Design Procedure An AC voltage source applied to VIN charges capacitor C1 to the peak of the input. Diode D1 conducts positive half cycles, charging C1 to the waveform peak. Including D1 inside the feedback loop of the amplifier removes the voltage drop of D1 and allows an accurate peak detection of VIN on C1. When the input waveform falls below the DC peak stored on C1, D1 is reverse biased. The low input bias current of A1 and the reverse biasing of D1 limits current leakage from C1. As a result, C1 retains the peak value even as the waveform drops to zero. A2 further isolates the peak value on C1 while completing the peak detector circuit by operating as a voltage follower and reporting the peak voltage of C1 at its output. R5 and C1 are properly selected so that the capacitor is charged rapidly to VIN. During the holding period, the capacitor slowly discharge through C1, through leakage of the capacitor and the reverse-biased diode, or op amp bias currents. In any cases the discharging time constant is much larger than the charge time constant. And the capacitor can hold its voltage long enough to minimize the output ripple. Resistors R2 and R3 limit the current into the inverting input of A1 and the noninverting input of A2 when power is disconnected from the circuit. The discharging current from C1 during power off may damage the input circuitry of the op amps. The peak detector is reset by applying a positive pulse to the reset transistor. The charge on the capacitor is dumped into ground, and the detector is ready for another cycle. The maximum input voltage to this detector must be less than (V+ – VD), where VD is the forward voltage drop of the diode. Otherwise, the input voltage must be scaled down before applying to the circuit. 8.2.3 GSM Power Amplifier Control Loop Figure 37. GSM Power Amplifier Control Loop Schematic 8.2.3.1 Design Requirements The control loop in Figure 37 controls the output power level of a GSM mobile phones. The control loop is used to avoid intermodulation of base station receivers, to prevent intermodulation with other mobile phones, and to minimize power consumption depending on the distance between mobile and base station. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |