Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ23608 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMZ23608
Description  LMZ23608 8-A SIMPLE SWITCHER® Power Module With 36-V Maximum Input Voltage and Current Sharing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ23608 Datasheet(HTML) 1 Page - Texas Instruments

  LMZ23608 Datasheet HTML 1Page - Texas Instruments LMZ23608 Datasheet HTML 2Page - Texas Instruments LMZ23608 Datasheet HTML 3Page - Texas Instruments LMZ23608 Datasheet HTML 4Page - Texas Instruments LMZ23608 Datasheet HTML 5Page - Texas Instruments LMZ23608 Datasheet HTML 6Page - Texas Instruments LMZ23608 Datasheet HTML 7Page - Texas Instruments LMZ23608 Datasheet HTML 8Page - Texas Instruments LMZ23608 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
VIN
CIN
3 x 10 2F
RFBT
CFF 4.7 nF (OPT)
See Table
CSS
0.47 2F
(OPT)
RFBB
See Table
COUT
2 x 330 2F
LMZ23608
VOUT
Enable
Share
Clock
0
1
2
3
4
5
6
7
8
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36Vin
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ23608
SNVS708G – MARCH 2011 – REVISED AUGUST 2015
LMZ23608 8-A SIMPLE SWITCHER® Power Module With 36-V Maximum Input Voltage and
Current Sharing
1 Features
2 Applications
1
•
Integrated Shielded Inductor
•
Point-of-load Conversions from 12-V and 24-V
Input Rail
•
Simple PCB Layout
•
Time-Critical Projects
•
Frequency Synchronization Input (350 kHz to 600
kHz)
•
Space Constrained and High Thermal
Requirement Applications
•
Current Sharing Capability
•
Negative Output Voltage Applications
•
Flexible Start-up Sequencing Using External Soft-
(See AN-2027 SNVA425)
Start, Tracking and Precision Enable
•
Protection Against Inrush Currents and Faults
3 Description
Such as Input UVLO and Output Short Circuit
The LMZ23608 SIMPLE SWITCHER® power module
•
Junction Temperature Range –40°C to 125°C
is an easy-to-use step-down DC-DC solution capable
•
Single Exposed Pad and Standard Pinout for Easy
of driving up to 8-A load. The LMZ23608 is available
Mounting and Manufacturing
in an innovative package that enhances thermal
performance
and
allows
for
hand
or
machine
•
Fully Enabled for WEBENCH® Power Designer
soldering.
•
Pin Compatible With LMZ22010/08,
The LMZ23608 can accept an input voltage rail
LMZ12010/08, LMZ23610/06H, and
between 6 V and 36 V and can deliver an adjustable
LMZ13610/08/06H
and highly accurate output voltage as low as 0.8 V.
•
Electrical Specifications
The LMZ23608 only requires two external resistors
–
40-W Maximum Total Output Power
and three external capacitors to complete the power
solution.
–
Up to 8-A Output Current
–
Input Voltage Range 6 V to 36 V
The LMZ23608 is a reliable and robust design with
the following protection features: thermal shutdown,
–
Output Voltage Range 0.8 V to 6 V
input
undervoltage
lockout,
output
overvoltage
–
Efficiency up to 92%
protection, short circuit protection, output current limit,
•
Performance Benefits
and allows start-up into a prebiased output. The sync
input allows synchronization over the 350 to 600-kHz
–
High Efficiency Reduces System Heat
switching frequency range.
Generation
–
Low Radiated Emissions (EMI) Tested to
Device Information(1)(2)
EN55022 Class B Standard
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Only 7 External Components
LMZ23608
NDY (11)
15.00 mm × 15.00 mm
–
Low Output Voltage Ripple
(1) For all available packages, see the orderable addendum at
–
No External Heat Sink Required
the end of the data sheet.
(2) Peak reflow temperature equals 245°C. See SNAA214 for
–
Simple Current Sharing for Higher Current
more details.
Applications
NOTE:
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B,
tested on Evaluation Board with EMI configuration
Simplified Application Schematic
Efficiency 3.3-V Output at 25°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMZ23608

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 29P
8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608TZ TI1-LMZ23608TZ Datasheet
1Mb / 26P
8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608TZ TI1-LMZ23608TZ Datasheet
1Mb / 36P
8A SIMPLE SWITCHER Power Module
LMZ23608TZ/NOPB TI1-LMZ23608TZ/NOPB Datasheet
1Mb / 36P
8A SIMPLE SWITCHER Power Module
More results

Similar Description - LMZ23608

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ22008 TI1-LMZ22008 Datasheet
1Mb / 26P
8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ31506 TI1-LMZ31506 Datasheet
837Kb / 30P
6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
LMZ23610 TI1-LMZ23610_14 Datasheet
1Mb / 32P
10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608_14 Datasheet
1Mb / 29P
8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10505 TI-LMZ10505_15 Datasheet
1Mb / 36P
5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
LMZ23610 TI-LMZ23610_15 Datasheet
1Mb / 37P
10A SIMPLE SWITCHER Power Module With 36-V Maximum Input Voltage and Current Sharing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com