Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3905 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP3905
Description  LP3905 Power Management Unit For Low Power Handheld Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3905 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3905 Datasheet HTML 10Page - Texas Instruments LP3905 Datasheet HTML 11Page - Texas Instruments LP3905 Datasheet HTML 12Page - Texas Instruments LP3905 Datasheet HTML 13Page - Texas Instruments LP3905 Datasheet HTML 14Page - Texas Instruments LP3905 Datasheet HTML 15Page - Texas Instruments LP3905 Datasheet HTML 16Page - Texas Instruments LP3905 Datasheet HTML 17Page - Texas Instruments LP3905 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
IRMS = IOUTMAX
The worst case is when VIN = 2 VOUT
(VIN - VOUT) VOUT
L f IOUTMAX VIN
r =
VOUT
VIN
r
2
12
1 -
+
VOUT
VIN
¸¸
¹
·
¨¨
©
§
¸
¹
·
¨
©
§
f
1
L
2
!
ISAT
IOUTMAX + IRIPPLE
where IRIPPLE =
VOUT
VIN
¸
¹
·
¨
©
§
¸
¹
·
¨
©
§V
IN - VOUT
LP3905
SNVS374D – JUNE 2006 – REVISED MAY 2013
www.ti.com
Buck Inductor Selection
There are two main considerations when choosing an inductor; the inductor should not saturate, and the inductor
current ripple is small enough to achieve the desired output voltage ripple. Different saturation current rating
specs are followed by different manufacturers so attention must be given to details. Saturation current ratings are
typically specified at 25°C so ratings at max ambient temperature of application should be requested from
manufacturer.
There are two methods to choose the inductor saturation current rating.
Method 1:
The saturation current is greater than the sum of the maximum load current and the worst case average to peak
inductor current. This can be written as:
(5)
•
IRIPPLE: average to peak inductor current
•
IOUTMAX: maximum load current (600mA)
•
VIN: maximum input voltage in application
•
L : min inductor value including worst case tolerances (30% drop can be considered for method 1)
•
f : minimum switching frequency (1.6Mhz)
•
VOUT: output voltage
Method 2:
A more conservative and recommended approach is to choose an inductor that has saturation current rating
greater than the max current limit of 1220mA.
A 2.2µH inductor with a saturation current rating of at least 1250mA is recommended for most applications.The
inductor’s resistance should be less than 0.3
Ω for good efficiency. For low-cost applications, an unshielded
bobbin inductor could be considered. For noise critical applications, a toroidal or shielded-bobbin inductor should
be used. A good practice is to lay out the board with overlapping footprints of both types for design flexibility.
This allows substitution of a low-noise shielded inductor, in the event that noise from low-cost bobbin models is
unacceptable.
Buck DC/DC Convertor Input Capacitor Selection
A ceramic input capacitor of 10µF, 6.3V is sufficient for most applications. Place the input capacitor as close as
possible to the VIN pin of the device. A larger value may be used for improved input voltage filtering. Use X7R or
X5R types, do not use Y5V. DC bias characteristics of ceramic capacitors must be considered when selecting
case sizes like 0805 and 0603. The input filter capacitor supplies current to the PFET switch of the LP3905 in the
first half of each cycle and reduces voltage ripple imposed on the input power source. A ceramic capacitor’s low
ESR provides the best noise filtering of the input voltage spikes due to this rapidly changing current. Select a
capacitor with sufficient ripple current rating. The input current ripple can be calculated as:
(6)
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com