Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243CPWR Datasheet(PDF) 22 Page - Texas Instruments

Part # MAX3243CPWR
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button MAX3243CPWR Datasheet HTML 18Page - Texas Instruments MAX3243CPWR Datasheet HTML 19Page - Texas Instruments MAX3243CPWR Datasheet HTML 20Page - Texas Instruments MAX3243CPWR Datasheet HTML 21Page - Texas Instruments MAX3243CPWR Datasheet HTML 22Page - Texas Instruments MAX3243CPWR Datasheet HTML 23Page - Texas Instruments MAX3243CPWR Datasheet HTML 24Page - Texas Instruments MAX3243CPWR Datasheet HTML 25Page - Texas Instruments MAX3243CPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
MAX3243CDBR
SSOP
DB
28
2000
356.0
356.0
35.0
MAX3243CDBR
SSOP
DB
28
2000
356.0
356.0
35.0
MAX3243CDWR
SOIC
DW
28
1000
350.0
350.0
66.0
MAX3243CPWR
TSSOP
PW
28
2000
356.0
356.0
35.0
MAX3243CPWR
TSSOP
PW
28
2000
356.0
356.0
35.0
MAX3243IDBR
SSOP
DB
28
2000
356.0
356.0
35.0
MAX3243IDBR
SSOP
DB
28
2000
356.0
356.0
35.0
MAX3243IDWR
SOIC
DW
28
1000
350.0
350.0
66.0
MAX3243IPWR
TSSOP
PW
28
2000
356.0
356.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com