Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W04. Datasheet(PDF) 2 Page - Multicomp Pro

Part # W04.
Description  W Series Single Phase Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

W04. Datasheet(HTML) 2 Page - Multicomp Pro

  W04. Datasheet HTML 1Page - Multicomp Pro W04. Datasheet HTML 2Page - Multicomp Pro W04. Datasheet HTML 3Page - Multicomp Pro W04. Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
W Series
Single Phase Bridge Rectifiers
Page 2
08/04/06 V1.0
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For
capacitive load, derate current by 20%.
Type Number
W01
W02
W04
W06
W08
W10
Unit
Maximum recurrent peak reverse voltage
100
200
400
600
800
1000
V
Maximum RMS voltage
70
140
280
420
560
700
Maximum DC blocking voltage
100
200
400
600
800
1000
Maximum average forward rectified current at TA = 50°C
1.5
A
Peak forward surge current, 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
40
Maximum instantaneous forward voltage at 1.0A
1.0
V
Maximum DC reverse current at TA = 25°C
at rated DC blocking voltage at
TA = 100°C
10
500
µA
Typical thermal resistance (Note) R
θJA
R
θJL
36
13
°C/W
Operating temperature range TJ
-55 to +125
°C
Storage temperature range TSTG
-55 to +150
Note:
1.Thermal resistance from junction to ambient and from junction to lead mounted on PCB with 0.47 x 0.47” (12 x 12mm) copper pads.
Ratings and Characteristic Curves
Figure 1 Maximum Non-Repetitive Forward Surge
Current Per Bridge Element
Figure 2 Maximum Forward Current Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com