Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PM2
Description  Convergent Reflective Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PM2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PM2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Convergent Reflective Micro Photoelectric Sensor
PM2 SERIES
454
Selection
Guide
U-shaped
Convergent
Reflective
PM2
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
ORDER GUIDE
Type
Appearance
Sensing range
Model No.
Output
Output
operation
2.5 to 8 mm
0.098 to 0.315 in
(Convergent point: 5 mm 0.197 in)
PM2-LH10
NPN open-collector transistor
Light-ON
PM2-LH10B
Dark-ON
PM2-LF10
Light-ON
PM2-LF10B
Dark-ON
PM2-LL10
Light-ON
PM2-LL10B
Dark-ON
PM2-LH10-C1
Light-ON
PM2-LH10B-C1
Dark-ON
PM2-LF10-C1
Light-ON
PM2-LF10B-C1
Dark-ON
PM2-LL10-C1
Light-ON
PM2-LL10B-C1
Dark-ON
APPLICATIONS
Sensing capacitors in a tray
OPTIONS
Designation
Model No.
Description
Connector
CN-13
Dedicated connector
Connector
attached cable
CN-13-C1
0.2 mm2 3-core cabtyre cable, 1 m 3.281 ft long
CN-13-C3
0.2 mm2 3-core cabtyre cable, 3 m 9.843 ft long
Connector
• CN-13
Connector attached cable
• CN-13-C1
• CN-13-C3
Positioning and passage confirmation
of a printed circuit board



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com