Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6563 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6563
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6563_07 Datasheet HTML 25Page - STMicroelectronics L6563_07 Datasheet HTML 26Page - STMicroelectronics L6563_07 Datasheet HTML 27Page - STMicroelectronics L6563_07 Datasheet HTML 28Page - STMicroelectronics L6563_07 Datasheet HTML 29Page - STMicroelectronics L6563_07 Datasheet HTML 30Page - STMicroelectronics L6563_07 Datasheet HTML 31Page - STMicroelectronics L6563_07 Datasheet HTML 32Page - STMicroelectronics L6563_07 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
L6563 - L6563A
Application information
29/39
The third communication line is the PWM_STOP pin (pin 9), which works in conjunction with
the RUN pin (pin 10). The purpose of the PWM_STOP pin is to inhibit the PWM activity of
both the PFC stage and the cascaded DC-DC converter. The pin is an open collector,
normally open, that goes low if the device is disabled by a voltage lower than 0.52V on the
RUN pin. It is important to point out that this function works correctly in systems where the
PFC stage is the master and the cascaded DC-DC converter is the slave or, in other words,
where the PFC stage starts first, powers both controllers and enables/disables the operation
of the DC-DC stage.
This function is quite flexible and can be used in different ways. In systems comprising an
auxiliary converter and a main converter (e.g. desktop PC's silver box or hi-end LCD-TV),
where the auxiliary converter also powers the controllers of the main converter, the pin RUN
can be used to start and stop the main converter. In the simplest case, to enable/disable the
PWM controller the PWM_STOP pin can be connected to either the output of the error
amplifier (Figure 44 a) or, if the chip is provided with it, to its soft-start pin (Figure 44 b). The
use of the soft-start pin allows the designer to delay the start-up of the DC-DC stage with
respect to that of the PFC stage, which is often desired. An underlying assumption in order
for that to work properly is that the UVLO thresholds of the PWM controller are certainly
higher than those of the L6563/A.
Figure 43. Interface circuits that let DC-DC converter’s controller IC disable the L6563/A at light
load
L5991/A
ST-BY
4
16
27
kΩ
Vref
L6563
PFC_OK
7
100
kΩ
150
kΩ
150
kΩ
47
kΩ
100 nF
BC547
BC547
BC557
L5991/A
ST-BY
4
16
27
kΩ
Vref
L6563
Vcc
14
100
kΩ
150
kΩ
150
kΩ
15
kΩ
100 nF
BC557
BC547
BC557
100 nF
Supply_Bus
L6668
PFC_STOP
14
16
Vcc
10 k
BC557
2.2 k
L6563
L6563A
Vcc
14
8.2 V
L6563
L6563A
(RUN)
PFC_OK
BC547
L6668
14 PFC_STOP
7
(10)
2.2 k
8
VREF
100 k
L6599
PFC_STOP
14
L6563
L6563A
(RUN)
PFC_OK
7
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com