Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4022 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # P4022
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

P4022 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  P4022 Datasheet HTML 1Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 2Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 3Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 4Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 5Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 6Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 7Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 8Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PRELIMINARY
EMMICROELECTRONIC-MARINSA
P4022
3
Handling Procedures
This device has built-in protection against high
static voltages or electric fields; however, due to
the unique properties of this device, anti-static
precautions should be taken as for any other
CMOS component.
Unless otherwise specified,
proper operation can only occur when all the
terminal voltages are kept within the supply
voltage range.
Operating Conditions
Parameter
Symbol
Min Typ Max Units
Operating temperature TA
-40
+85 OC
Maximum coil current
ICOIL
50
mA
AC voltage on coil*
VCOIL
8
Vpp
DC voltage on M*
VM
3.5 V
Table 2
* The AC voltage on the coil and the DC voltage at pad
M are
limited
by
the
on-chip
shunt
regulator.
Electrical Characteristics
VSUPPLY between 1.2 and 3.0 V, TA = 25
OC, unless otherwise specified.
Parameter
Symbol Test conditions
Min
Typ
Max Units
Supply voltage (VDD – VSS)
VSUPPLY
1.2
3.5
V
Oscillator frequency
FOSC
VSUPPLY between 1.2 and 3.0 V
110
128
140
kHz
Power-on reset threshold
VPONR
VSUPPLY rising
0.7
1.2
1.6
V
Power-on reset threshold
VPONF
VSUPPLY falling
0.5
1.0
1.4
V
Power-on reset hysteresis
130
200
270
mV
GAP input time constant
TGAP
0.2
µs
Modulation transistor ON resistance
RON
40
Ω
Resonance capacitor
CR
106.
7
110 113.
3
pF
Total current consumption from CP
ITFREE
FREE-RUNNING mode,
VSUPPLY = 1.2 V
2.6
µA
Total current consumption from CP
ITFREE
FREE-RUNNING mode,
VSUPPLY = 3 V
10
µA
Total current consumption from CP
ITGAP
GAP enabled, VSUPPLY = 1.2 V
14
µA
Total current consumption from CP
ITGAP
GAP enabled, VSUPPLY = 3 V
40
µA
Total current consumption from CP
ITDEAD
SWITCHED-OFF state,
VSUPPLY = 1.2 V
15
µA
Total current consumption from CP
ITDEAD
SWITCHED-OFF state,
VSUPPLY = 3 V
60
µA
Table 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com