Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA20-600 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BTA20-600
Description  SNUBBERLESS TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA20-600 Datasheet(HTML) 3 Page - STMicroelectronics

  BTA20-600 Datasheet HTML 1Page - STMicroelectronics BTA20-600 Datasheet HTML 2Page - STMicroelectronics BTA20-600 Datasheet HTML 3Page - STMicroelectronics BTA20-600 Datasheet HTML 4Page - STMicroelectronics BTA20-600 Datasheet HTML 5Page - STMicroelectronics BTA20-600 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BTA20 BW/CW
BTB20 BW/CW
3/6
Package
IT(RMS)
VDRM /VRRM
Sensitivity Specification
A
V
BW
CW
BTA
(Insulated)
20
600
X
X
700
X
X
BTB
(Uninsulated)
600
X
PRODUCT INFORMATION
BT
A
20
-
600
BW
Triac
Series
Insulation:
A: insulated
B: non insulated
Current: 20A
Voltage:
600: 600V
700: 700V
Sensitivity
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com