Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA349SA/3K Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA349SA/3K
Description  1μA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA349SA/3K Datasheet(HTML) 1 Page - Texas Instruments

  OPA349SA/3K Datasheet HTML 1Page - Texas Instruments OPA349SA/3K Datasheet HTML 2Page - Texas Instruments OPA349SA/3K Datasheet HTML 3Page - Texas Instruments OPA349SA/3K Datasheet HTML 4Page - Texas Instruments OPA349SA/3K Datasheet HTML 5Page - Texas Instruments OPA349SA/3K Datasheet HTML 6Page - Texas Instruments OPA349SA/3K Datasheet HTML 7Page - Texas Instruments OPA349SA/3K Datasheet HTML 8Page - Texas Instruments OPA349SA/3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
µA, Rail-to-Rail I/O CMOS
OPERATIONAL AMPLIFIERS
FEATURES
q LOW SUPPLY CURRENT: 1
µA
q GAIN-BANDWIDTH: 70kHz
q UNITY-GAIN STABLE
q LOW INPUT BIAS CURRENT: 10pA (max)
q WIDE SUPPLY RANGE: 1.8V to 5.5V
q INPUT RANGE: 200mV Beyond Rails
q OUTPUT SWINGS TO 350mV OF RAILS
q OUTPUT DRIVE CURRENT: 8mA
q OPEN-LOOP GAIN: 90dB
q MicroPACKAGES: SC70, SOT23-5, SOT23-8
APPLICATIONS
q BATTERY PACKS AND POWER SUPPLIES
q PORTABLE PHONES, PAGERS, AND CAMERAS
q SOLAR-POWERED SYSTEMS
q SMOKE, GAS, AND FIRE DETECTION SYSTEMS
q REMOTE SENSORS
q PCMCIA CARDS
q DRIVING ANALOG-TO-DIGITAL (A/D) CONVERTERS
q MicroPOWER FILTERS
DESCRIPTION
The OPA349 and OPA2349 are ultra-low power operational
amplifiers that provide 70kHz bandwidth with only 1
µA quies-
cent current. These rail-to-rail input and output amplifiers are
specifically designed for battery-powered applications. The
input common-mode voltage range extends 200mV beyond
the power-supply rails and the output swings to within 350mV
of the rails, maintaining wide dynamic range. Unlike some
micropower op amps, these parts are unity-gain stable and
require no external compensation to achieve wide band-
width. The OPA349 features a low input bias current that
allows the use of large source and feedback resistors.
The OPA349 can be operated with power supplies from 1.8V
to 5.5V with little change in performance, ensuring continuing
superior performance even in low battery situations.
The OPA349 comes in miniature SOT23-5, SC70, and SO-8
surface-mount packages. The OPA2349 dual is available in
SOT23-8, and SO-8 surface-mount packages. These tiny
packages are ideal for use in high-density applications, such
as PCMCIA cards, battery packs, and portable instruments.
The OPA349 is specified for 0
°C to +70°C. The OPA2349 is
specified for –40
°C to +70°C.
OPA349
OPA2349
SBOS121B – JUNE 2000 – REVISED JANUARY 2004
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2004, Texas Instruments Incorporated
FEATURES
PRODUCT
1
µA, 5.5kHz, Rail-To-Rail
TLV240x
1
µA, 5.5kHz, Rail-To-Rail
TLV224x
7
µA, 160kHz, Rail-To-Rail, 2.7V to 16V Supply
TLV238x
7
µA, 160kHz, Rail-To-Rail, Micro Power
TLV27Lx
20
µA, 500kHz, Rail-To-Rail, 1.8V Micro Power
TLV276x
20
µA, 350kHz, Rail-To-Rail, Micro Power
OPAx347
45
µA, 1MHz, Rail-To-Rail, 2.1V to 5.5V Supply
OPAx348
OPAx349 RELATED PRODUCTS
OPA349
OPA2
349
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
100
90
80
70
60
50
40
30
20
10
0
0
45
90
135
180
1
10
100
1k
10k
100k
1M
0.1
Gain
Phase
www.ti.com
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA349SA/3K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA349SA/3K TI1-OPA349SA/3K Datasheet
1Mb / 23P
1uA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA349SA/3K TI1-OPA349SA/3K Datasheet
1Mb / 24P
Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA349SA/3K TI2-OPA349SA/3K Datasheet
1,011Kb / 27P
1μA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
REVISED JANUARY 2004
OPA349SA/3K.B TI2-OPA349SA/3K.B Datasheet
1,011Kb / 27P
1μA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
REVISED JANUARY 2004
OPA349SA/3KG4 TI1-OPA349SA/3KG4 Datasheet
1Mb / 23P
1uA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA349SA/3K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com