Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA244NA/3K Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA244NA/3K
Description  MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA244NA/3K Datasheet(HTML) 2 Page - Texas Instruments

  OPA244NA/3K Datasheet HTML 1Page - Texas Instruments OPA244NA/3K Datasheet HTML 2Page - Texas Instruments OPA244NA/3K Datasheet HTML 3Page - Texas Instruments OPA244NA/3K Datasheet HTML 4Page - Texas Instruments OPA244NA/3K Datasheet HTML 5Page - Texas Instruments OPA244NA/3K Datasheet HTML 6Page - Texas Instruments OPA244NA/3K Datasheet HTML 7Page - Texas Instruments OPA244NA/3K Datasheet HTML 8Page - Texas Instruments OPA244NA/3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
®
OPA244, 2244, 4244
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
OPA244NA, PA, UA
PARAMETER
CONDITION
MIN
TYP(1)
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = ±7.5V, VCM = 0
±0.7
±1.5
mV
TA = –40°C to 85°C
±2
mV
vs Temperature
dVOS/dT
TA = –40°C to 85°C
±4
µV/°C
vs Power Supply
PSRR
VS = +2.6V to +36V
5
50
µV/V
TA = –40°C to 85°C
VS = +2.6V to +36V
50
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
VCM = VS/2
–10
–25
nA
Input Offset Current
IOS
VCM = VS/2
±1
±10
nA
NOISE
Input Voltage Noise, f = 0.1kHz to 10kHz
0.4
µVp-p
Input Voltage Noise Density, f = 1kHz
en
22
nV/
√Hz
Current Noise Density, f = 1kHz
in
40
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
0
(V+) – 0.9
V
Common-Mode Rejection
CMRR
VS = ±18V, VCM = –18V to +17.1V
84
98
dB
TA = –40°C to 85°C
VS = ±18V, VCM = –18V to +17.1V
84
dB
INPUT IMPEDANCE
Differential
106 || 2
Ω || pF
Common-Mode
109 || 2
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
VO = 0.5V to (V+) – 0.9
86
106
dB
TA = –40°C to 85°C
VO = 0.5V to (V+) – 0.9
86
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
430
kHz
Slew Rate
SR
G = 1
–0.1/+0.16
V/
µs
Settling Time 0.01%
10V Step
150
µs
Overload Recovery Time
VIN • Gain = VS
8
µs
OUTPUT
Voltage Output, Positive
VO
AOL ≥ 80dB, RL = 20kΩ to VS/2
(V+) – 0.9
(V+) – 0.75
V
TA = –40°C to 85°C
AOL ≥ 80dB, RL = 20kΩ to VS/2
(V+) – 0.9
(V+) – 0.75
V
Voltage Output, Negative
AOL ≥ 80dB, RL = 20kΩ to VS/2
0.5
0.2
V
TA = –40°C to 85°C
AOL ≥ 80dB, RL = 20kΩ to VS/2
0.5
0.2
V
Voltage Output, Positive
AOL ≥ 80dB, RL = 20kΩ to Ground
(V+) – 0.75
V
TA = –40°C to 85°C
AOL ≥ 80dB, RL = 20kΩ to Ground
(V+) – 0.75
V
Voltage Output, Negative
AOL ≥ 80dB, RL = 20kΩ to Ground
0.1
V
TA = –40°C to 85°C
AOL ≥ 80dB, RL = 20kΩ to Ground
0.1
V
Short-Circuit Current
ISC
–25 /+12
mA
Capacitive Load Drive
CLOAD
See Typical Curve
POWER SUPPLY
Specified Voltage Range
VS
TA = –40°C to 85°C
+2.6
+36
V
Minimum Operating Voltage
+2.2
V
Quiescent Current
IQ
IO = 0
50
60
µA
TA = –40°C to 85°C
IO = 0
70
µA
TEMPERATURE RANGE
Specified Range
–40
85
°C
Operating Range
–55
125
°C
Storage Range
–65
150
°C
Thermal Resistance
θ
JA
SOT-23-5 Surface-Mount
200
°C/W
SO-8 Surface-Mount
150
°C/W
8-Pin DIP
100
°C/W
NOTE: (1) VS = +15V.
SPECIFICATIONS: VS = +2.6V to +36V
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C
At TA = +25°C, RL = 20kΩ connected to ground, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com