Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3240 Datasheet(PDF) 7 Page - Texas Instruments

Part # REF3240
Description  4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3240 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF3240 Datasheet HTML 3Page - Texas Instruments REF3240 Datasheet HTML 4Page - Texas Instruments REF3240 Datasheet HTML 5Page - Texas Instruments REF3240 Datasheet HTML 6Page - Texas Instruments REF3240 Datasheet HTML 7Page - Texas Instruments REF3240 Datasheet HTML 8Page - Texas Instruments REF3240 Datasheet HTML 9Page - Texas Instruments REF3240 Datasheet HTML 10Page - Texas Instruments REF3240 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
20 s/div
m
V
IN
V
OUT
100 s/div
m
V
IN
V
OUT
40 s/div
m
-10mA
+10mA
+10mA
I
LOAD
V
OUT
40 s/div
m
+10mA
+10mA
-10mA
V
OUT
I
LOAD
40 s/div
m
-1mA
+1mA
+1mA
V
OUT
I
LOAD
40 s/div
m
+1mA
-1mA
+1mA
V
OUT
I
LOAD
REF3212, REF3220
REF3225, REF3230
REF3233, REF3240
www.ti.com
SBVS058C
– JUNE 2005 – REVISED AUGUST 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, ILOAD = 0mA, VIN = +5V power supply, and REF3225 used for typical characteristics, unless otherwise noted.
LINE TRANSIENT
LINE TRANSIENT
CL = 0pF
CL = 10µF
Figure 13.
Figure 14.
LOAD TRANSIENT
LOAD TRANSIENT
CL = 0pF, ±10mA OUTPUT PULSE
CL = 1µF, ±10mA OUTPUT PULSE
Figure 15.
Figure 16.
LOAD TRANSIENT
LOAD TRANSIENT
CL = 0pF, ±1mA OUTPUT PULSE
CL = 1µF, ±1mA OUTPUT PULSE
Figure 17.
Figure 18.
Copyright
© 2005–2011, Texas Instruments Incorporated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com