Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3220AIDBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # REF3220AIDBVT
Description  4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3220AIDBVT Datasheet(HTML) 5 Page - Texas Instruments

  REF3220AIDBVT Datasheet HTML 1Page - Texas Instruments REF3220AIDBVT Datasheet HTML 2Page - Texas Instruments REF3220AIDBVT Datasheet HTML 3Page - Texas Instruments REF3220AIDBVT Datasheet HTML 4Page - Texas Instruments REF3220AIDBVT Datasheet HTML 5Page - Texas Instruments REF3220AIDBVT Datasheet HTML 6Page - Texas Instruments REF3220AIDBVT Datasheet HTML 7Page - Texas Instruments REF3220AIDBVT Datasheet HTML 8Page - Texas Instruments REF3220AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
0.5
1.5
2.5
3.5
4.5
Drift(ppm/ C)
°
7
6.5
6
5
4
3
2
1
5.5
1 2 3 4 5 6 7 8 9
Drift(ppm/ C)
°
17 18 19 20
16
15
14
13
12
11
10
0.12
0.08
0.04
0
-0.04
-0.08
-0.12
-50
-25
0
+25
+50
+75
+100
+125
Temperature( C)
°
160
140
120
100
80
60
40
20
0
-15
15
10
5
0
-5
-10
LoadCurrent(mA)
-
°
40 C
+25 C
°
+125 C
°
130
120
110
100
90
80
70
-50
-25
0
+25
+50
+75
+125
+100
Temperature( C)
°
100
90
80
70
60
50
40
30
20
10
1
10
100
1k
10k
100k
Frequency(Hz)
REF3212, REF3220
REF3225, REF3230
REF3233, REF3240
www.ti.com
SBVS058C
– JUNE 2005 – REVISED AUGUST 2011
TYPICAL CHARACTERISTICS
At TA = +25°C, ILOAD = 0mA, VIN = +5V power supply, and REF3225 used for typical characteristics, unless otherwise noted.
TEMPERATURE DRIFT
TEMPERATURE DRIFT
(0
°C to +125°C)
(
–40°C to +125°C)
Figure 1.
Figure 2.
OUTPUT VOLTAGE ACCURACY vs TEMPERATURE
DROPOUT VOLTAGE vs LOAD CURRENT
Figure 3.
Figure 4.
QUIESCENT CURRENT vs TEMPERATURE
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
Figure 5.
Figure 6.
Copyright
© 2005–2011, Texas Instruments Incorporated
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com