Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3230AIDBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # REF3230AIDBVR
Description  4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3230AIDBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF3230AIDBVR Datasheet HTML 9Page - Texas Instruments REF3230AIDBVR Datasheet HTML 10Page - Texas Instruments REF3230AIDBVR Datasheet HTML 11Page - Texas Instruments REF3230AIDBVR Datasheet HTML 12Page - Texas Instruments REF3230AIDBVR Datasheet HTML 13Page - Texas Instruments REF3230AIDBVR Datasheet HTML 14Page - Texas Instruments REF3230AIDBVR Datasheet HTML 15Page - Texas Instruments REF3230AIDBVR Datasheet HTML 16Page - Texas Instruments REF3230AIDBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
REF3212, REF3220
REF3225, REF3230
REF3233, REF3240
www.ti.com
SBVS058C
– JUNE 2005 – REVISED AUGUST 2011
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (February 2006) to Revision C
Page
•
Added Pin Descriptions table ................................................................................................................................................ 2
•
Added note to Enable/Shutdown parameter ......................................................................................................................... 4
•
Changed the minimum voltage for Enable/Shutdown with reference active from (0.75
× VIN) to 1.5 .................................. 4
•
Changed Current test condition from from (0.75
× VIN) to (1.5V) ......................................................................................... 4
•
Added text, two tables, and one figure to Supply Voltage section ....................................................................................... 8
•
Changed pin 3 in Figure 24 from SHDN to ENABLE (typo) ............................................................................................... 10
•
Added paragraph to Load Regulation section .................................................................................................................... 10
Copyright
© 2005–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com