Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8800A Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM8800A
Description  Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8800A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM8800A Datasheet HTML 2Page - STMicroelectronics PM8800A Datasheet HTML 3Page - STMicroelectronics PM8800A Datasheet HTML 4Page - STMicroelectronics PM8800A Datasheet HTML 5Page - STMicroelectronics PM8800A Datasheet HTML 6Page - STMicroelectronics PM8800A Datasheet HTML 7Page - STMicroelectronics PM8800A Datasheet HTML 8Page - STMicroelectronics PM8800A Datasheet HTML 9Page - STMicroelectronics PM8800A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PM8800
Device description and operation
7/10
PM8800 can work with power either from PoE networks or from auxiliary sources - like AC
adapters -. Alternative sources are present in PoE appliances where devices can work also
outside the context of the PoE networks or to ensure normal operation even if PoE becomes
unavailable. PM8800 limits the number of external components to handle the coexistence of
both PoE and auxiliary supplies.
External sources can be connected so to exploit the in-rush current limitation provided by
the MOSFET or enabling the PWM section, bypassing the interface section.
A state-of-the-art current mode pulse with modulator is embedded in the PM8800 to support
low side single ended isolated and non isolated topologies. A high gain bandwidth product
error amplifier is embedded for non isolated configuration.
The PWM switching frequency of PM8800 is programmable with an appropriate resistor and
it is also capable of working with an external clock reference.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com