Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CUPC2A2B106 Datasheet(PDF) 1 Page - Comus International

Part # CUPC2A2B106
Description  Magnetic Reed Relay - Two Form A - Two Form B - 6 VDC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

CUPC2A2B106 Datasheet(HTML) 1 Page - Comus International

  CUPC2A2B106 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number: CUPC2A2B106
Magnetic Reed Relay - Two Form A - Two Form B - 6 VDC
Product Data Sheet
FEATURES
TERMINALS / TOLERANCE
• Resistant to Ambient Environmental Conditions
• Material : Plastic
• Mechanical Stress Resistant
• Antivibration Feature
• Internal Magnetic Shield
Diameter: 0.025
Length: 0.190
Tolerance: .XXX = ± .010
.XX = ± .020
Maximum Switching Power
VA / Watts
10
Maximum Switching Current
Amps AC/DC
0.75
Maximum Switching Voltage
Volts AC/DC
200
Breakdown Voltage
Volts AC
300
Coil Resistance (+/- 10% @25˚C)
Ohms
75
Nominal Coil Voltage
VDC
6
Maximum Coil Voltage
VDC
7
Pull-in Voltage MAX
VDC
4.2
Drop-out Voltage MIN
VDC
0.4
Dielectric
coil / case
N/A
coil / cont
2000 VAC
cont / cont
300 VAC
SPECIFICATION
CIRCUIT DIAGRAM
DIMENSIONS
Drawings not to scale.
All dimensions in inches nominal.
.85
.41
0.100 typ.
0.900
1.100
1.23
.025 dia. x
.190 long
terminals
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Assemtech, UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943
©2012 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA


Similar Part No. - CUPC2A2B106

ManufacturerPart #DatasheetDescription
logo
Macromatic Industrial C...
CUP01A22 MACROMATIC-CUP01A22 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
CUP01A28 MACROMATIC-CUP01A28 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
CUP01A62 MACROMATIC-CUP01A62 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
CUP01A68 MACROMATIC-CUP01A68 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
CUP05A22 MACROMATIC-CUP05A22 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
More results

Similar Description - CUPC2A2B106

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
1 Form A/1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
M222 SSOUSA-M222 Datasheet
136Kb / 4P
1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BAB VISHAY-LH1501BAB_11 Datasheet
120Kb / 4P
1 Form B Solid State Relay
20-May-11
logo
List of Unclassifed Man...
SMRR1-5-150C ETC2-SMRR1-5-150C Datasheet
2Mb / 3P
REED RELAY, 1 FORM A
logo
Adam Technologies, Inc.
RG5-1A-P-24-VDC ADAM-TECH-RG5-1A-P-24-VDC Datasheet
91Kb / 1P
RELAY 24 VDC FORM
RG6-1A-P-24-VDC ADAM-TECH-RG6-1A-P-24-VDC Datasheet
91Kb / 1P
RELAY 24 VDC FORM A PCB TYPE
logo
Standex Electronics, In...
4305180075 STANDEX-4305180075 Datasheet
125Kb / 1P
REED RELAY 1 FORM A SPST-NO, 5V SIL
Version: 04
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com