Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

01034_KE08 Datasheet(PDF) 1 Page - VAT Group AG

Part # 01034_KE08
Description  Mini UHV gate valve, Series 010, DN 50 (ID 2’’)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

01034_KE08 Datasheet(HTML) 1 Page - VAT Group AG

  01034_KE08 Datasheet HTML 1Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VAT Vakuumventile AG
CH-9469 Haag, Schweiz
Product data sheet
Mini UHV gate valve, Series 010, DN 50 (ID 2
’’)
Ordering No. 01034-KE08
Created by: MAEM
Release date: 2012-12-13
1 of 1
Modified by:
Release date:
299360EA
Description
Flange
ISO-KF 50
Actuator
manual
– with position indicator
Feedthrough
Bellows
Technical data
Leak rate
– Valve body
– Valve seat
< 5 · 10
-10 mbar ls-1
< 1 · 10
-9 mbar ls-1
Pressure range
1 · 10
-10 mbar to 2 bar (abs)
Differential pressure on the gate
2 bar
Differential pressure at opening
30 mbar
Conductance (molecular flow)
160 ls
-1
Cycles until first service
50 000
Temperature
(Maximum values: depending
on operating conditions and
sealing materials)
– Valve Body
– Actuator
– Position indicator
≤ 250 °C open / ≤ 200 °C closed (bake-out max. 24h)
≤ 250 °C
≤ 80 °C
Heating and cooling rate
50 °C h
-1
Material
– Valve Body
– Gate
– Bellows
AISI 304 (1.4301), AISI 316L (1.4435)
AISI 304 (1.4301),
AISI 316L (1.4404, 1.4435)
Seal
– Bonnet
– Gate
metal
FKM (Viton
®), vulcanized
Mounting position
any
Weight
1.5 kg / 3.3 lbs
Position indicator
Wiring diagram
Type
Micro switch
Voltage
250 V AC
50 V DC
Current max.
5.0 A
3 A


Similar Part No. - 01034_KE08

ManufacturerPart #DatasheetDescription
logo
VAT Group AG
01034_KE01 VAT-01034_KE01 Datasheet
85Kb / 1P
Mini UHV gate valve, Series 010, DN 50 (ID 2’’)
More results

Similar Description - 01034_KE08

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-75V00ANC SII-S-75V00ANC Datasheet
634Kb / 68P
MINI LOGIC SERIES 2 INPUT NAND GATE
logo
Coilcraft lnc.
CS60-010 COILCRAFT-CS60-010_13 Datasheet
264Kb / 1P
50/60Hz Current Sensor ??CS60-010
logo
PHOENIX CONTACT
2130017 PHOENIX-2130017 Datasheet
182Kb / 6P
UHV 50-AS/AS
2130114 PHOENIX-2130114 Datasheet
197Kb / 7P
UHV 50-KH/AS
2130169 PHOENIX-2130169 Datasheet
139Kb / 10P
High Current Connectors - UHV 50-KH/KH
2130211 PHOENIX-2130211 Datasheet
111Kb / 9P
Feed-through terminal block - UHV 50-M10/M10
2130318 PHOENIX-2130318 Datasheet
66Kb / 2P
UHV 50-KH/M10
logo
HARTING Technology Grou...
09-14-000-6418 HARTING-09-14-000-6418 Datasheet
464Kb / 2P
Pneum.contact metal ID 8mm,femalevalve
09-14-000-6411 HARTING-09-14-000-6411 Datasheet
465Kb / 2P
Pneum.contact metal ID 10mm,femalevalve
logo
PHOENIX CONTACT
3213218 PHOENIX-3213218 Datasheet
58Kb / 3P
Support bracket - UHV 50 PEDESTAL
09/12/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com