Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDSA-450 Datasheet(PDF) 4 Page - Omega Engineering, Inc.

Part # CDSA-450
Description  Integral Or Remote Mount Conductivity/Resistivity Transmitters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

CDSA-450 Datasheet(HTML) 4 Page - Omega Engineering, Inc.

  CDSA-450 Datasheet HTML 1Page - Omega Engineering, Inc. CDSA-450 Datasheet HTML 2Page - Omega Engineering, Inc. CDSA-450 Datasheet HTML 3Page - Omega Engineering, Inc. CDSA-450 Datasheet HTML 4Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDCE-90S-01
sensor tip
CDCE-90S-1
sensor tip
4.6 m (15')
cable (standard)
50
(2.0)
152
(6.0)
126
(5.0)
50
(2.0)
13
(0.5)
21
(0.8)
8
(0.3)
Dimensions:
mm (inches)
Note: Dimension shown for 1 and 11
⁄2" Tri-GripTM sanitary fittings.
CDCE-90S-001, CDCE-90S-01,
CDCE-90S-1
Cell:
CDCE-90S-001: 0.01
CDCE-90S-01: 0.1
CDCE-90S-1: 1.0
Conductivity Range:
CDCE-90S-001: 0.010 to 100 μS
(10 KΩ to 100 MΩ)
CDCE-90S-01: 1 to 1000 μS
CDCE-90S-1: 10 to 10,000 μS
Tri-GripTM Sanitary Fitting Size: 1, 11/2, 2"
Temperature Compensation: Pt1000
Wetted Materials:
O-Ring: EPR
Insulator Material: PTFE
Electrodes: 316 SS or titanium
Tri-GripTM Sanitary Fitting: 316 SS or titanium
Maximum Pressure: 6.9 bar (100 psi)
Maximum Temperature: 120°C (248°F)
To Order
Model No.
Fitting
Cell Constant
Material
CDCE-90-001*
3
⁄4 NPT
0.01
316 SS
CDCE-90-01*
3
⁄4 NPT
0.1
316 SS
CDCE-90-1*
3
⁄4 NPT
1
316 SS
CDCE-90-10*
3
⁄4 NPT
10
316 SS
CDCE-90-20-B
3
⁄4 NPT
20
316 SS
CDCE-90S-001-S15
1.5" Tri-GripTM sanitary
0.01
316 SS
CDCE-90S-1-S15
1.5" Tri-GripTM sanitary
1
316 SS
CDCE-90S-01-S20
2.0" Tri-GripTM sanitary
0.1
316 SS
CDCE-90S-1-S20
2.0" Tri-GripTM sanitary
1
316 SS
CDCE-90S-001-T15
1.5" Tri-GripTM sanitary
0.01
Titanium
* For extended cable add “-100FTCABLE” to model number for additional cost.
CDCE-90S-001-S15,
shown smaller
than actual size.
E-4
CONDUCTIVITY INSTRUMENTS
CONDUCTIVITY INSTRUMENTS
Model No.
Description
CDSA-45
45 μS conductivity solution 1 quart
CDSA-450
450 μS conductivity solution 1 quart
CDSA-1413
1413 μS conductivity solution 1 quart
CDSA-1500
1500 μS conductivity solution 1 quart
CDSA-4500
4500 μS conductivity solution 1 quart
CDSA-45000
45000 μS conductivity solution 1 quart
Accessories



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com