Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC940KB Datasheet(PDF) 1 Page - DEWALT

Part # DC940KB
Description  12V Drill / Srewdrivers - Cordless
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEWALT [DEWALT]
Direct Link  https://www.dewalt.com/
Logo DEWALT - DEWALT

DC940KB Datasheet(HTML) 1 Page - DEWALT

  DC940KB Datasheet HTML 1Page - DEWALT  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Description
Order Code
DC727KA drill/screwdriver
135-2954
Replacement battery DE9074
135-2977
12V mid handle drill/driver. Two speed settings,
variable speed and reverse switch for control-
lable use. 17 position adjustable torque control.
Supplied with charger, 2 x 1.3Ah Ni Cd battery
packs and carrying case.
DC727KA
Price Each
Description
Order Code
DC940KB drill/screwdriver
135-2967
Replacement battery DE9501
135-2987
12V drill/driver suitable for drilling and screw-
driving applications. Three speed settings for
optimum performance in high torque, normal
use and high speed applications. Twenty two
position adjustable torque control settings for
precise screwdriving. 13mm keyless chuck
with automatic spindle lock. Supplied with one
hour charger, 2 x 2.6Ah Ni MH battery packs
and heavy duty carry case.
DC940KB
Price Each
Description
Order Code
DC756KA drill/screwdriver
135-2960
Replacement battery DE9091
135-2979
12V drill driver for drilling and screwdriving
applications. Two speed settings, variable
speed and reverse action. 17 position adjus-
table torque control. 13mm single sleeve key-
less chuck. Supplied with charger, 2 x 2.0Ah Ni
Cd battery packs and carry case.
DC756KA
Model Number
DC727KA
DC740KA
DC756KA
DC940KB
No Load Speed
0-450/0-1400 rpm 0-350/0-1200 rpm 0-400/0-1400 rpm
0-450/0-1450/0-
1800 rpm
Drilling Capcity Steel 10 mm
10 mm
13 mm
13 mm
Drilling Capcity Wood 25 mm
25 mm
28 mm
38 mm
Maximum Torque
32 N-m
20 N-m
35 N-m
48 N-m
Battery
2 x 1.3Ah Ni Cd
2 x 1.3 Ah Ni-Cd
2 x 2.0 Ah Ni Cd
2 x 2.6Ah Ni MH
Weight
1.7 kg
1.6 kg
2.0 kg
2.3 kg
Price Each
Description
Order Code
DC740KA drill/screwdriver
135-2958
Replacement battery DE9074
135-2977
DC740KA
12V cordless drill/screwdriver. Two speed set-
tings, variable speed and reverse switch for
maximum control. 10mm single sleeve chuck
and spindle lock for easy bit change. Supplied
with charger, 2 x 1.3Ah Ni Cd battery packs and
carrying case.
484372
12V Drill / Srewdrivers - Cordless


Similar Part No. - DC940KB

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
DC900 INTRONICS-DC900 Datasheet
195Kb / 1P
7.5 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Linear Integrated Syste...
DC9000 LINEAR-DC9000 Datasheet
903Kb / 2P
SmartMesh IP Starter Kit
DC9001 LINEAR-DC9001 Datasheet
903Kb / 2P
SmartMesh IP Starter Kit
DC9003A-B LINEAR-DC9003A-B Datasheet
903Kb / 2P
SmartMesh IP Starter Kit
DC9006 LINEAR-DC9006 Datasheet
903Kb / 2P
SmartMesh IP Starter Kit
More results

Similar Description - DC940KB

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NSVA321 NJRC-NSVA321 Datasheet
163Kb / 6P
814.5MHz CORDLESS
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
Cordless Telephone
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
Cordless Telephones
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
Cordless Telephone
logo
STMicroelectronics
STEVAL-IHM012V1 STMICROELECTRONICS-STEVAL-IHM012V1 Datasheet
124Kb / 4P
Cordless drill evaluation board information based on Power MOSFET and 8-pins MCU
24-Oct-2007
logo
List of Unclassifed Man...
GSR122 ETC2-GSR122 Datasheet
93Kb / 1P
Bosch GSR 12v Cordless Drill Driver GSR122
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00230 ETC2-D00230 Datasheet
34Kb / 1P
Right Angle Drill Attachment
25960 ETC-25960 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com