Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32MP151AAA3T Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32MP151AAA3T
Description  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151AAA3T Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32MP151AAA3T Datasheet HTML 28Page - STMicroelectronics STM32MP151AAA3T Datasheet HTML 29Page - STMicroelectronics STM32MP151AAA3T Datasheet HTML 30Page - STMicroelectronics STM32MP151AAA3T Datasheet HTML 31Page - STMicroelectronics STM32MP151AAA3T Datasheet HTML 32Page - STMicroelectronics STM32MP151AAA3T Datasheet HTML 33Page - STMicroelectronics STM32MP151AAA3T Datasheet HTML 34Page - STMicroelectronics STM32MP151AAA3T Datasheet HTML 35Page - STMicroelectronics STM32MP151AAA3T Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 245 page
background image
Functional overview
STM32MP151A
32/245
DS12500 Rev 1
3.14
Bus-interconnect matrix
The devices feature an AXI bus matrix, one main AHB bus matrix and bus bridges that allow
bus masters to be interconnected with bus slaves (see Figure 3, the dots represent the
enabled master/slave connections).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More