Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L4S5AIJ6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32L4S5AIJ6
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, AESHASH
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4S5AIJ6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32L4S5AIJ6 Datasheet HTML 10Page - STMicroelectronics STM32L4S5AIJ6 Datasheet HTML 11Page - STMicroelectronics STM32L4S5AIJ6 Datasheet HTML 12Page - STMicroelectronics STM32L4S5AIJ6 Datasheet HTML 13Page - STMicroelectronics STM32L4S5AIJ6 Datasheet HTML 14Page - STMicroelectronics STM32L4S5AIJ6 Datasheet HTML 15Page - STMicroelectronics STM32L4S5AIJ6 Datasheet HTML 16Page - STMicroelectronics STM32L4S5AIJ6 Datasheet HTML 17Page - STMicroelectronics STM32L4S5AIJ6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 275 page
background image
Description
STM32L4S5xx, STM32L4S7xx and STM32L4S9xx
14/275
DocID030322 Rev 2
Table 2. STM32L4S5xx, STM32L4S7xx and STM32L4S9xx
features and peripheral counts
Peripheral
S5VI
S7VI
S9VI
S5QI
S5ZI
S7ZI
S9ZI
S5AI
S7AI
S9AI
Flash memory
2 Mbytes
SRAM
System
640 (192 + 64 + 384) Kbytes
Backup
128 bytes
External memory
controller for static
memories (FSMC)
Yes(1)
Yes
OctoSPI
2
Timers
Advanced
control
2 (16-bit)
General
purpose
5 (16-bit)
2 (32-bit)
Basic
2 (16-bit)
Low-power
2 (16-bit)
SysTick timer
1
Watchdog
timers
(independent
, window)
2
Comm.
interface
s
SPI
3
I2C4
USART/UAR
T
UART
LPUART
3
2
1
SAI
2
CAN
1
USB OTG
FS
Yes
SDMMC
Yes
Digital filters for sigma-
delta modulators
Yes (4 filters)
Number of channels
8
RTC
Yes
Tamper pins
3
Camera interface
Yes
Chrom-ART
Accelerator
™
Yes
Chrom-GRC
™
No
Yes
No
Yes
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com