Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS596PW Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74HCS596PW
Description  SN74HCS596 8-Bit Shift Register With Schmitt-Trigger Inputs and Open-Drain Output Registers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS596PW Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HCS596PW Datasheet HTML 6Page - Texas Instruments SN74HCS596PW Datasheet HTML 7Page - Texas Instruments SN74HCS596PW Datasheet HTML 8Page - Texas Instruments SN74HCS596PW Datasheet HTML 9Page - Texas Instruments SN74HCS596PW Datasheet HTML 10Page - Texas Instruments SN74HCS596PW Datasheet HTML 11Page - Texas Instruments SN74HCS596PW Datasheet HTML 12Page - Texas Instruments SN74HCS596PW Datasheet HTML 13Page - Texas Instruments SN74HCS596PW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
8 Detailed Description
8.1 Overview
Logic Diagram (Positive Logic) for the SN74HCS596 describes the SN74HCS596, an 8-bit shift register that
feeds an 8-bit D-type storage register. Both the shift register clock (SRCLK) and storage register clock (RCLK)
are positive-edge triggered. If both clocks are connected together, the shift register always is one clock pulse
ahead of the storage register. All inputs include Schmitt-triggers allowing for slow input transitions and providing
more noise margin. Outputs QA through QH are open-drain which require a pull-up resistor to output a High. The
serial output QH’ is push-pull.
8.2 Functional Block Diagram
RCL K
OE
SRCLR
SRCLK
SER
13
12
10
11
14
D
R
15
1
QA
QB
QC
Q
D
R
Q
D
Q
D
Q
2
QD
3
QE
4
QF
5
QG
6
D
R
7
9
QH¶
Q
D
Q
QH
Figure 8-1. Logic Diagram (Positive Logic) for SN74HCS596
8.3 Feature Description
8.3.1 Balanced CMOS Push-Pull Outputs
This device includes balanced CMOS push-pull outputs. The term "balanced" indicates that the device can sink
and source similar currents. The drive capability of this device may create fast edges into light loads so routing
and load conditions should be considered to prevent ringing. Additionally, the outputs of this device are capable
of driving larger currents than the device can sustain without being damaged. It is important for the output power
of the device to be limited to avoid damage due to overcurrent. The electrical and thermal limits defined in the
Absolute Maximum Ratings must be followed at all times.
Unused push-pull CMOS outputs should be left disconnected.
8.3.2 Open-Drain CMOS Outputs
This device includes open-drain CMOS outputs. Open-drain outputs can only drive the output low. When in the
high logical state, open-drain outputs will be in a high-impedance state. The drive capability of this device may
create fast edges into light loads so routing and load conditions should be considered to prevent ringing.
SN74HCS596
SCLS840 – AUGUST 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN74HCS596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com