Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6002IDWPR Datasheet(PDF) 6 Page - Texas Instruments

Part # THS6002IDWPR
Description  ‘DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002IDWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS6002IDWPR Datasheet HTML 2Page - Texas Instruments THS6002IDWPR Datasheet HTML 3Page - Texas Instruments THS6002IDWPR Datasheet HTML 4Page - Texas Instruments THS6002IDWPR Datasheet HTML 5Page - Texas Instruments THS6002IDWPR Datasheet HTML 6Page - Texas Instruments THS6002IDWPR Datasheet HTML 7Page - Texas Instruments THS6002IDWPR Datasheet HTML 8Page - Texas Instruments THS6002IDWPR Datasheet HTML 9Page - Texas Instruments THS6002IDWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202E− JANUARY 1998− REVISED MARCH 2007
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RECEIVER
electrical characteristics, VCC = ±15 V, RL = 150 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Power supply operating range
Split supply
±4.5
±16.5
V
VCC
Power supply operating range
Single supply
9
33
V
VO
Output voltage swing
Single ended
VCC = ± 5 V
±3
±3.3
V
VO
Output voltage swing
Single ended
VCC = ± 15 V
±12.4
±12.8
V
VICR
Common-mode input voltage range
VCC = ± 5 V
±3.6
±3.7
V
VICR
Common-mode input voltage range
VCC = ± 15 V
±13.4
±13.5
V
Single ended
TA = 25°C
1
4
VIO
Input offset voltage
Single ended
VCC = ± 5 V or ± 15 V
TA = full range
6
mV
VIO
Input offset voltage
Differential
VCC = ± 5 V or ± 15 V
TA = 25°C
1.5
4
mV
Differential
TA = full range
5
Input offset voltage drift
Single ended
VCC = ± 5 V or ± 15 V
20
V/
°C
Input offset voltage drift
Differential
VCC = ± 5 V or ± 15 V
10
µV/°C
Negative
VCC = ± 5 V or ± 15 ,
TA = 25°C
2
8
Negative
VCC = ± 5 V or ± 15 ,
TA = full range
10
IIB
Input bias current
Positive
VCC = ± 5 V or ± 15 V
TA = 25°C
3.5
9
µA
IIB
Input bias current
Positive
VCC = ± 5 V or ± 15 V
TA = full range
11
µA
Differential
VCC = ± 5 V or ± 15 V
TA = 25°C
1.5
8
Differential
VCC = ± 5 V or ± 15 V
TA = full range
10
IO
Output current (see Note 2)
VCC = ± 5 V
RL = 25 Ω
95
mA
IO
Output current (see Note 2)
VCC = ± 15 V
RL = 150 Ω
80
85
mA
IOS
Short-circuit output current (see Note 2)
RL = 25 Ω
110
mA
Open loop transresistance
VCC = ±5 V
1.5
M
Ω
Open loop transresistance
VCC = ± 15 V
5
M
Ω
CMRR
Common-mode rejection ratio
Single ended
VCC = ± 5 V or ± 15 V,
TA = full range
60
70
dB
CMRR
Common-mode rejection ratio
Differential
VCC = ± 5 V or ± 15 V,
TA = full range
100
dB
Crosstalk (receiver to receiver)
VI = 200 mV,
f = 1 MHz
−67
dB
VCC = ± 5 V
TA = 25°C
−66
−74
PSRR
Power supply rejection ratio
VCC = ± 5 V
TA = full range
−63
dB
PSRR
Power supply rejection ratio
VCC = ± 15 V
TA = 25°C
−65
−72
dB
VCC = ± 15 V
TA = full range
−62
RI
Input resistance
300
k
Ω
CI
Differential input capacitance
1.4
pF
RO
Output resistance
Open loop
10
Ω
† Full range is 0°C to 70°C for the THS6002C and −40°C to 85°C for the THS6002I.
NOTE 2: A heat sink is required to keep junction temperature below absolute maximum when an output is heavily loaded or shorted. See absolute
maximum ratings and Thermal Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com