Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEP124 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CEP124
Description  Power Inductors Type: CEP Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP124 Datasheet(HTML) 2 Page - Sumida Corporation

  CEP124 Datasheet HTML 1Page - Sumida Corporation CEP124 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductors<SMD Type: CEP Series>
Type: CEP124
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
1. High Power Type
Saturation Current
(
A)※1
Part Name
Stamp
Inductance
(
µH)
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(20℃)
(20℃)
(100℃)
Temperature
Rise Current
(A) ※2
CEP124NP-R35MC-H
R35MH
0.35±20%
1.6(1.3)
38.4
32.4
18.4
CEP124NP-0R8MC-H
0R8MH
0.80±20%
2.4(2.0)
28.8
21.0
17.8
CEP124NP-1R4MC-H
1R4MH
1.40±20%
4.2(3.5)
20.6
15.7
13.8
CEP124NP-2R2MC-H
2R2MH
2.20±20%
7.6(6.3)
16.2
13.4
12.6
2. Standard Type
Saturation Current
(
A)※1
Part Name
Stamp
Inductance
(
µH)
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(20℃)
(20℃)
(100℃)
Temperature
Rise Current
(A) ※2
CEP124NP-R68MC
R68MC
0.68±20%
1.6(1.3)
20.8
17.0
18.4
CEP124NP-1R5MC
1R5MC
1.50±20%
2.4(2.0)
14.2
11.5
17.8
CEP124NP-2R7MC
2R7MC
2.70±20%
4.2(3.5)
10.6
8.2
13.8
CEP124NP-4R0MC
4R0MC
4.00±20%
7.6(6.3)
8.8
7.0
12.6
※
1 Saturation Current: The DC current at which the inductance decreases to 75% of it's nominal value.
※
2 Temperature Rise Current: The DC current at which the temperature rise is △t=40℃. (Ta=20℃)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com