Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6002IDWPR.A Datasheet(PDF) 20 Page - Texas Instruments

Part # THS6002IDWPR.A
Description  ‘DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002IDWPR.A Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS6002IDWPR.A Datasheet HTML 16Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 17Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 18Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 19Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 20Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 21Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 22Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 23Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202E− JANUARY 1998− REVISED MARCH 2007
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 39
TA − Free-Air Temperature − °C
−40
−20
0
20
80
100
60
40
RECEIVER
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
5
3
1
0
4
2
6
VCC = ±15 V
VCC = ±5 V
7
Figure 40
RECEIVER
NORMALIZED OUTPUT RESPONSE
vs
FREQUENCY
1M
f − Frequency − Hz
100k
10M
100M
VCC = ±15 V
RL = 150 Ω
Gain = 1
VI = 200 mV
500M
−1
−3
−5
−7
−2
−4
−6
1
2
0
3
RF = 360 Ω
RF = 510 Ω
RF = 1 kΩ
RF = 750 Ω
Figure 41
RECEIVER
NORMALIZED OUTPUT RESPONSE
vs
FREQUENCY
1M
f − Frequency − Hz
100k
10M
100M
VCC = ±15 V
RL = 150 Ω
Gain = 2
VI = 200 mV
500M
−3
−5
−7
−9
−4
−6
−8
−1
0
−2
1
RF = 360 Ω
RF = 510 Ω
RF = 1 kΩ
RF = 620 Ω
Figure 42
RECEIVER
OUTPUT DISTORTION
vs
OUTPUT VOLTAGE
5
VO(PP) − Output Voltage − V
010
15
VCC = ±15 V
RF = 510 Ω
RL = 150 Ω
f = 1 MHz
Gain = 5
20
−30
−50
−70
−90
−40
−60
−80
−10
0
−20
2nd Harmonic
3rd Harmonic
−100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com