Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL331EDBVRQ1 Datasheet(PDF) 13 Page - Texas Instruments

Part # TL331EDBVRQ1
Description  TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331EDBVRQ1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL331EDBVRQ1 Datasheet HTML 9Page - Texas Instruments TL331EDBVRQ1 Datasheet HTML 10Page - Texas Instruments TL331EDBVRQ1 Datasheet HTML 11Page - Texas Instruments TL331EDBVRQ1 Datasheet HTML 12Page - Texas Instruments TL331EDBVRQ1 Datasheet HTML 13Page - Texas Instruments TL331EDBVRQ1 Datasheet HTML 14Page - Texas Instruments TL331EDBVRQ1 Datasheet HTML 15Page - Texas Instruments TL331EDBVRQ1 Datasheet HTML 16Page - Texas Instruments TL331EDBVRQ1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
5.11 Typical Characteristics (continued)
TA = 25°C, VS = 5V, RPULLUP = 5.1k, CL = 15pF, VCM = 0V, VUNDERDRIVE = 100mV, VOVERDRIVE = 100mV unless otherwise
noted.
Time (Ps)
-0.1
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1
-1
0
1
2
3
4
5
6
VREF = VCC/2
20mV Overdrive
5mV
Overdrive
100mV
Overdrive
Figure 5-31. Response Time for Various Overdrives, High-to-
Low Transition
Time (Ps)
-0.1
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1
-1
0
1
2
3
4
5
6
20mV Overdrive
5mV Overdrive
100mV
Overdrive
VREF = VCC/2
Figure 5-32. Response Time for Various Overdrives, Low-to-
High Transition
www.ti.com
TL331-Q1, TL331B-Q1, TL391B-Q1
SLVS969H – OCTOBER 2009 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TL331-Q1 TL331B-Q1 TL391B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com