Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL331KDBVRG4 Datasheet(PDF) 19 Page - Texas Instruments

Part # TL331KDBVRG4
Description  TL331B, TL391B and TL331 Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331KDBVRG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL331KDBVRG4 Datasheet HTML 15Page - Texas Instruments TL331KDBVRG4 Datasheet HTML 16Page - Texas Instruments TL331KDBVRG4 Datasheet HTML 17Page - Texas Instruments TL331KDBVRG4 Datasheet HTML 18Page - Texas Instruments TL331KDBVRG4 Datasheet HTML 19Page - Texas Instruments TL331KDBVRG4 Datasheet HTML 20Page - Texas Instruments TL331KDBVRG4 Datasheet HTML 21Page - Texas Instruments TL331KDBVRG4 Datasheet HTML 22Page - Texas Instruments TL331KDBVRG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (September 2023) to Revision L (November 2024)
Page
• Combined thermal table..................................................................................................................................... 5
• Removed outdated graphs................................................................................................................................. 8
• Updated Functional Block Diagram and text.................................................................................................... 14
Changes from Revision J (November 2020) to Revision K (September 2023)
Page
• Added link to application note...........................................................................................................................16
Changes from Revision I (August 2020) to Revision J (November 2020)
Page
• Corrected Family Comparison Table supply voltages for "B", "K" and "I" versions............................................ 1
Changes from Revision H (April 2020) to Revision I (August 2020)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Added "B" device Typical Char graphs...............................................................................................................8
Changes from Revision G (January 2015) to Revision H (April 2020)
Page
• Added TL331B and TL391B tables and pinouts, Updated front page for new B devices for APL..................... 1
• Added Input current, IIK in Absolute Maximum Ratings .....................................................................................4
• Changed incorrect TL331 and TL331K Temp Ranges in Recommended Operating Conditions ...................... 5
• Changed text from: open-drain output to: open-collector output ..................................................................... 14
• Removed sentence: This is enables much head room for modern day supplies of 3.3V and 5.0V..................14
• Removed sentence: This is enables much head room for modern day supplies of 3.3V and 5.0V. ................14
• Changed Output Current specifications from: to: in Design Parameters .........................................................15
• Changed first paragraph of the Response Time section ................................................................................. 16
• Added Receiving Notification of Documentation Updates section and Community Resources section...........18
10 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
TL331, TL331B, TL391B
SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TL331 TL331B TL391B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com