Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL331KDBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TL331KDBVT
Description  TL331B, TL391B and TL331 Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331KDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL331KDBVT Datasheet HTML 3Page - Texas Instruments TL331KDBVT Datasheet HTML 4Page - Texas Instruments TL331KDBVT Datasheet HTML 5Page - Texas Instruments TL331KDBVT Datasheet HTML 6Page - Texas Instruments TL331KDBVT Datasheet HTML 7Page - Texas Instruments TL331KDBVT Datasheet HTML 8Page - Texas Instruments TL331KDBVT Datasheet HTML 9Page - Texas Instruments TL331KDBVT Datasheet HTML 10Page - Texas Instruments TL331KDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
5.10 Electrical Characteristics, TL331 and TL331K
at specified free-air temperature, VCC = 5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
TA (3)
MIN
TYP
MAX UNIT
VIO
Input offset voltage
VCC = 5V to 30V, VO = 1.4V,
VIC = VIC(min)
25°C
2
5
mV
Full range
9
IIO
Input offset current
VO = 1.4V
25°C
5
50
nA
Full range
250
IIB
Input bias current
VO = 1.4V
25°C
–25
–250
nA
Full range
–400
VICR
Common-mode input voltage
range(2)
Full range
0 to VCC –
1.5
V
AVD
Large-signal differential voltage
amplification
VCC = 15V, VO = 1.4V to 11.4V,
RL ≥ 15 kΩ to VCC
25°C
50
200
V/mV
IOH
High-level output current
VOH = 5V, VID = 1V
25°C
0.1
50
nA
VOH = 30V, VID = 1V
Full range
1
μA
VOL
Low-level output voltage
IOL = 4mA, VID = –1V
25°C
150
400
mV
Full range
700
IOL
Low-level output current
VOL = 1.5V, VID = –1V
25°C
6
mA
ICC
Supply current
RL = ∞, VCC = 5V
25°C
0.4
0.7
mA
(1)
All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
(2)
The voltage at either input or common-mode must not be allowed to go negative by more than 0.3V. The upper end of the common-
mode voltage range is VCC+ – 1.5V, but either or both inputs can go to 30V without damage.
(3)
Full range TA is –40°C to +85°C for I-suffix devices and –40°C to +105°C for K-suffix devices.
5.11 Switching Characteristics, TL331 and TL331K
VCC = 5V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP UNIT
Response time
RL connected to 5V through 5.1kΩ, CL = 15pF(1) (2)
100mV input step with 5mV overdrive
1.3
μs
TTL-level input step
0.3
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4V.
www.ti.com
TL331, TL331B, TL391B
SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TL331 TL331B TL391B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com