Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL331KDBVT.B Datasheet(PDF) 15 Page - Texas Instruments

Part # TL331KDBVT.B
Description  TL331B, TL391B and TL331 Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331KDBVT.B Datasheet(HTML) 15 Page - Texas Instruments

Back Button TL331KDBVT.B Datasheet HTML 11Page - Texas Instruments TL331KDBVT.B Datasheet HTML 12Page - Texas Instruments TL331KDBVT.B Datasheet HTML 13Page - Texas Instruments TL331KDBVT.B Datasheet HTML 14Page - Texas Instruments TL331KDBVT.B Datasheet HTML 15Page - Texas Instruments TL331KDBVT.B Datasheet HTML 16Page - Texas Instruments TL331KDBVT.B Datasheet HTML 17Page - Texas Instruments TL331KDBVT.B Datasheet HTML 18Page - Texas Instruments TL331KDBVT.B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
7.1 Application Information
TL331x will typically be used to compare a single signal to a reference or two signals against each other. Many
users take advantage of the open drain output to drive the comparison logic output to a logic voltage level to an
MCU or logic device. The wide supply range and high voltage capability makes TL331x optimal for level shifting
to a higher or lower voltage.
7.2 Typical Application
+
TL331
5 V
5 V
Vref
Input 0 V to 30 V
Figure 7-1. Typical Application Schematic
7.2.1 Design Requirements
For this design example, use the parameters listed in Table 7-1 as the input parameters.
Table 7-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
0V to VCC – 1.5V
Supply Voltage
2V to 36V
Logic Supply Voltage (RPULLUP Voltage)
2V to 36V
Output Current (VLOGIC/RPULLUP)
1µA to 4mA
Input Overdrive Voltage
100mV
Reference Voltage
2.5V
Load Capacitance (CL)
15pF
7.2.2 Detailed Design Procedure
When using TL331x in a general comparator application, determine the following:
• Input voltage range
• Minimum overdrive voltage
• Output and drive current
• Response time
www.ti.com
TL331, TL331B, TL391B
SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TL331 TL331B TL391B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com