Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL331-EP Datasheet(PDF) 14 Page - Texas Instruments

Part # TL331-EP
Description  TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331-EP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL331-EP Datasheet HTML 10Page - Texas Instruments TL331-EP Datasheet HTML 11Page - Texas Instruments TL331-EP Datasheet HTML 12Page - Texas Instruments TL331-EP Datasheet HTML 13Page - Texas Instruments TL331-EP Datasheet HTML 14Page - Texas Instruments TL331-EP Datasheet HTML 15Page - Texas Instruments TL331-EP Datasheet HTML 16Page - Texas Instruments TL331-EP Datasheet HTML 17Page - Texas Instruments TL331-EP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
6 Detailed Description
6.1 Overview
The TL331-Q1 is a single comparator with the ability to operate up to 36V on the supply pin. This standard
device has proven ubiquity and versatility across a wide range of applications. This is due to the very wide
supply voltage range (2V to 36V), low Iq, and fast response.
The open-collector output allows the user to configure the output's logic low voltage (VOL) and can be utilized to
enable the comparator to be used in AND functionality.
The TL331B-Q1 and TL391B-Q1 are performance upgrades to industry standard TL331-Q1 using the latest
semiconductor process technologies that allows for lower offset voltages, lower input bias and supply currents
and faster response times. The TL331B can drop-in replace the "I" or "Q" versions of TL331-Q1. The TL391B-
Q1 is an alternate pinout of the TL331B-Q1 for replacing competitive devices.
6.2 Functional Block Diagram
- Input
Q2
Q1
Q3
Q4
Q9
Q10
Q11
Q5
Q6
D1
D2
D3
D4
Q7
Q8
Q12
+ Input
Output
VCC
Internal
Bias
Itail
I1
I2
Q13
Q14
ESD
ESD
VCM
Clamp
Q15
6.3 Feature Description
The TL331-Q1 consists of a PNP Darlington pair input, allowing the device to operate with very high gain and
fast response with minimal input bias current. The input Darlington pair creates a limit on the input common
mode voltage capability, allowing TL331-Q1 to accurately function from ground to VCC – 1.5V differential input. A
clamp (Q15) was added around Q3 to force the output low when both inputs are taken above the VCM range.
The output consists of an open collector NPN (pull-down or low side) transistor. The output NPN sinks current
when the negative input voltage is higher than the positive input voltage and the offset voltage. The VOL is
resistive and scales with the output current. Please see Output Low Voltage vs. Output Sinking Current at 5V for
VOL values with respect to the output current.
6.4 Device Functional Modes
6.4.1 Voltage Comparison
The TL331-Q1 operates solely as a voltage comparator, comparing the differential voltage between the positive
and negative pins and outputting a logic low or high impedance (logic high with pull-up) based on the input
differential polarity.
TL331-Q1, TL331B-Q1, TL391B-Q1
SLVS969H – OCTOBER 2009 – REVISED JANUARY 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TL331-Q1 TL331B-Q1 TL391B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com