Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAN0805K10R0FST1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PCAN0805K10R0FST1
Description  High Power Aluminum Nitride, Wraparound Surface Mount, Precision Thin Film Chip Resistor (up to 6 W)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PCAN0805K10R0FST1 Datasheet(HTML) 4 Page - Vishay Siliconix

  PCAN0805K10R0FST1 Datasheet HTML 1Page - Vishay Siliconix PCAN0805K10R0FST1 Datasheet HTML 2Page - Vishay Siliconix PCAN0805K10R0FST1 Datasheet HTML 3Page - Vishay Siliconix PCAN0805K10R0FST1 Datasheet HTML 4Page - Vishay Siliconix PCAN0805K10R0FST1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PCAN
www.vishay.com
Vishay Dale Thin Film
Revision: 19-Apr-16
4
Document Number: 60125
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Less than 10
. 100 ppm/°C and 1 % tolerance best.
(2) Available on 10
 and higher.
DERATING CURVE
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: PCAN1206H1000BBT1
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
PCAN
0603
0805
1206
2512
E = ± 25 ppm/°C
H = ± 50 ppm/°C
K = ± 100 ppm/°C (1)
The first 3 digits are
significant figures and
the last digit specifies
the number of zeros
to follow.
“R” designates the
decimal point.
Example:
10R0 = 10
1000 = 100
B = ± 0.1 % (2)
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 % (1)
G = ± 2.0 %
B = Wraparound
Sn/Pb solder
w/ nickel barrier
S = Wraparound
lead (Pb)-free
solder (e1)
RoHS compliant
G = Wraparound Au,
over Ni (gold)
termination
epoxy bondable
RoHS compliant
(e4)
BS = BULK
100 min., 1 mult
WS = WAFFLE
100 min., 1 mult
W0 = 100 pc min. waffle,
1 mult
WI = 100 min., 1 mult
(package unit single lot
date code)
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel
TS = 100 min., 1 mult
TI = 100 min., 1 mult
(item single lot date code)
TP = 100 min., 1 mult
(package unit single lot
date code)
Ambient Temperature °C
0155
0
20
40
60
80
100
70
125
06
H
1
0
0
B
0
1
BT
1
N
PC
2
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com