Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL16R4 Datasheet(PDF) 13 Page - Texas Instruments

Part # PAL16R4
Description  HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PAL16R4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PAL16R4 Datasheet HTML 9Page - Texas Instruments PAL16R4 Datasheet HTML 10Page - Texas Instruments PAL16R4 Datasheet HTML 11Page - Texas Instruments PAL16R4 Datasheet HTML 12Page - Texas Instruments PAL16R4 Datasheet HTML 13Page - Texas Instruments PAL16R4 Datasheet HTML 14Page - Texas Instruments PAL16R4 Datasheet HTML 15Page - Texas Instruments PAL16R4 Datasheet HTML 16Page - Texas Instruments PAL16R4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TIBPAL 16L8-15C, TIBPAL 16R4-15C, TIBPAL 16R6-15C, TIBPAL 16R8-15C
TIBPAL 16L8-20M, TIBPAL 16R4-20M, TIBPAL 16R6-20M, TIBPAL 16R8-20M
HIGH-PERFORMANCE IMPACT
™ PAL® CIRCUITS
SRPS019A – FEBRUARY 1984 – REVISED APRIL 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
programming information
Texas Instruments programmable logic devices can be programmed using widely available software and
inexpensive device programmers.
Complete programming specifications, algorithms, and the latest information on hardware, software, and
firmware are available upon request. Information on programmers capable of programming Texas Instruments
programmable logic also is available, upon request, from the nearest TI field sales office or local authorized TI
distributor, by calling Texas Instruments at +1 (972) 644–5580, or by visiting the TI Semiconductor Home Page
at www.ti.com/sc.
preload procedure for registered outputs (see Figure 1 and Note 3)
The output registers can be preloaded to any desired state during device testing. This permits any state to be
tested without having to step through the entire state-machine sequence. Each register is preloaded individually
by following the steps given below.
Step 1.
With VCC at 5 V and Pin 1 at VIL, raise Pin 11 to VIHH.
Step 2.
Apply either VIL or VIH to the output corresponding to the register to be preloaded.
Step 3.
Pulse Pin 1, clocking in preload data.
Step 4.
Remove output voltage, then lower Pin 11 to VIL. Preload can be verified by observing the
voltage level at the output pin.
td
tsu
tw
td
VIHH
VIL
VIL
VOL
VOH
VIH
Pin 11
Pin 1
Registered I/O
Input
Output
VIH
VIL
NOTE 3: td = tsu = th = 100 ns to 1000 ns VIHH = 10.25 V to 10.75 V
Figure 1. Preload Waveforms
TIBPAL16R6-20M and TIBPAL16R8-20M are Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com