Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL16R4 Datasheet(PDF) 12 Page - Texas Instruments

Part # PAL16R4
Description  LOW-POWER HIGH-PERFORMANCE IMPACT™ PAL® CIRCUITS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PAL16R4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PAL16R4 Datasheet HTML 8Page - Texas Instruments PAL16R4 Datasheet HTML 9Page - Texas Instruments PAL16R4 Datasheet HTML 10Page - Texas Instruments PAL16R4 Datasheet HTML 11Page - Texas Instruments PAL16R4 Datasheet HTML 12Page - Texas Instruments PAL16R4 Datasheet HTML 13Page - Texas Instruments PAL16R4 Datasheet HTML 14Page - Texas Instruments PAL16R4 Datasheet HTML 15Page - Texas Instruments PAL16R4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TIBPAL16R4-25C, TIBPAL16R6-25C, TIBPAL16R8-25C
TIBPAL16R4-30M, TIBPAL16R6-30M, TIBPAL16R8-30M
LOW-POWER HIGH-PERFORMANCE
IMPACT ™ PAL® CIRCUITS
SRPS059A FEBRUARY 1984 − REVISED DECEMBER 2010
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.5
V
VOH
VCC = 4.5 V,
IOH = −2 mA
2.4
3.2
V
VOL
VCC = 4.5 V,
IOL = 12 mA
0.25
0.4
V
I
Outputs
V
55 V
V
27 V
20
A
IOZH
I/O ports
VCC = 5.5 V
VO = 2.7 V
100
μA
I
Outputs
V
55 V
V
04 V
−20
A
IOZL
I/O ports
VCC = 5.5 V,
VO = 0.4 V
−250
μA
I
Pin 1, 11
V
55 V
V
55 V
0.2
mA
II
All others
VCC = 5.5 V,
VI = 5.5 V
0.1
mA
Pin 1, 11
50
IIH
I/O ports
VCC = 5.5 V,
VI = 2.7 V
100
μA
IIH
All others
VCC 5.5 V,
VI 2.7 V
20
μA
I
I/O ports
V
55 V
V
04 V
−0.25
mA
IIL
All others
VCC = 5.5 V,
VI = 0.4 V
−0.2
mA
IOS‡
VCC = 5.5 V,
VO = 0.5 V
−30
−250
mA
ICC
VCC = 5.5 V,
VI = 0,
Outputs open
75
105
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second. Set VO at 0.5 V to
avoid test-equipment degradation.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
fmax
25
MHz
tpd
I, I/O
O, I/O
15
30
ns
tpd
CLK↑
Q
R1 = 390 Ω,
10
20
ns
ten
OE↓
Q
R1 = 390 Ω,
R2 = 750 Ω,
15
25
ns
tdis
OE↑
Q
R2 750 Ω,
See Figure 4
10
25
ns
ten
I, I/O
O, I/O
14
30
ns
tdis
I, I/O
O, I/O
13
30
ns
† All typical values are at VCC = 5 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com