Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3798 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3798
Description  DIN Rail RJ-45 To Terminal Block Adapter - Vertical Jack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3798 Datasheet(HTML) 2 Page - Adafruit Industries

  3798 Datasheet HTML 1Page - Adafruit Industries 3798 Datasheet HTML 2Page - Adafruit Industries 3798 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
No soldering required! Just unscrew the terminal blocks and slide in your
stranded or solid-core wire.
Note that these aren't recommended for actual Ethernet traffic, especially long
term...given that the twisted pairs are decidedly untwisted when they are on the
PCB but for basic power/data distribution, RJ45's are great!
This is the DIN Rail RJ-45 to Terminal Block Adapter that comes with a Vertical
(Straight) RJ45 Ethernet jack on one end and terminal blocks on the other. We
also have a DIN Rail RJ-45 to Terminal Block Adapter - Right Angle
TECHNICAL DETAILS
Product Dimensions: 70.0mm x 45.0mm x 30.5mm / 2.8" x 1.8" x 1.2"
Product Weight: 30.4g / 1.1oz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com