Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF08L Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # DF08L
Description  SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

DF08L Datasheet(HTML) 1 Page - Zowie Technology Corporation

  DF08L Datasheet HTML 1Page - Zowie Technology Corporation DF08L Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF005L THRU DF10L
SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
FEATURES
MECHANICAL DATA
* Internal Constructure with GPRC (Glass Passivated Rectifier Chip)
inside
* Diffused Junction
* Low Forward Voltage Drop, High Current Capability
* High Surge Current Capability
* Designed for Surface Mount Application
* Plastic Material-UL Recognition Flammability
Classification 94V-0
Case : Molded Plastic
Terminals : Plated Leads, solderable per
MIL-STD-750, Method 2026
Polarity : As marked on Case
Weight : 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current @ TA=40
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage @ IF=1.0 A
Maximum DC reverse current
at rated DC blocking voltage
@TC=25
o
C
@TC=125
o
C
Typical junction capacitance per element (NOTE 1)
Typical thermal resistance, junction to ambient (NOTE 2)
Operating junction and storage temperature range
SYMBOLS
VRRM
I (AV)
IFSM
VF
IR
CJ
R JA
TJ,TSTG
200
400
600
800
1000
1.0
50
1.1
5
500
25
40
-55 to +175
UNITS
Volts
Maximum RMS voltage
VRMS
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
200
100
70
100
DF02L
DF04L
DF06L
DF08L
DF10L
DF01L
DF005L
50
35
50
400
600
800
1000
Volts
Volts
Amps
Amps
uA
pF
I2t rating for fusing ( t < 8.3ms )
I2t
10.4
A
2
s
o
C / W
o
C
NOTES : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
(2) Thermal resistance from junction to ambient mounted on P.C.B. with 0.5 x 0.5" ( 13 x 13mm ) copper pads.
Zowie Technology Corporation
05/2004
*Dimensions in inches and (millimeters)
TM
SuperBridge with GPRC inside
DFML
PATE
NTED
.335(8.50)
.307(7.80)
.335(8.50)
.323(8.20)
.131(3.34)
.102(2.60)
.268(6.80)
.031(0.8)
.244(6.20)
.024(0.6)
.205(5.2)
.197(5.0)
.020(0.51)
.020(0.50)
.075(1.90)
.055(1.39)
.189(4.8)
.165(4.2)
.350(8.9)
.311(7.9)
.067(1.7)
.051(1.3)
-
+
~
~


Similar Part No. - DF08L

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF08 WTE-DF08 Datasheet
50Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
DF08 SSE-DF08 Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF08 CHENYI-DF08 Datasheet
131Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DF08 GOOD-ARK-DF08 Datasheet
160Kb / 2P
GLASS PASSIVATED CHIP SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
DF08 WTE-DF08 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - DF08L

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
2W005G ZOWIE-2W005G Datasheet
47Kb / 2P
SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
KBJ6005G ZOWIE-KBJ6005G Datasheet
53Kb / 2P
SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
Comchip Technology
CGPA10MM COMCHIP-CGPA10MM Datasheet
61Kb / 2P
Glass Passivated Sintered Rectifier
logo
Zowie Technology Corpor...
GBJ25A ZOWIE-GBJ25A Datasheet
269Kb / 2P
SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GP10Q TAITRON-GP10Q Datasheet
129Kb / 4P
1.0A Sintered Glass Passivated Rectifier
logo
Zowie Technology Corpor...
BYD17ZDH ZOWIE-BYD17ZDH Datasheet
47Kb / 2P
Sintered Glass Passivated Rectifier
BYD17ZH ZOWIE-BYD17ZH Datasheet
47Kb / 2P
Sintered Glass Passivated Rectifier
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
AUBYD17ZDH ZOWIE-AUBYD17ZDH Datasheet
47Kb / 2P
Sintered Glass Passivated Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com