Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3870 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3870
Description  Mini On/Off Push-Button Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3870 Datasheet(HTML) 2 Page - Adafruit Industries

  3870 Datasheet HTML 1Page - Adafruit Industries 3870 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DETAILS
Rated Load: 12V @ 0.5A
Contact Resistance: ≤50mΩ
Temperature Usage Range: -25ºC ~ 70ºC
Operating force: 5N ~ 12N
Product Dimensions: 23.0mm x 8.2mm x 7.5mm / 0.9" x 0.3" x 0.3"
Product Weight: 0.7g / 0.0oz
 
 
                                                 https://www.adafruit.com/product/3870 8‐21‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com