| Electronic Components Datasheet Search |
|
D4CC-3003 Datasheet(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
D4CC-3003 Datasheet(HTML) 3 Page - Omron Electronics LLC |
|
3 / 9 page ![]() 3 D4CC Structure and Nomenclature Structure Center Roller Lever Models with Indicator Contact Form AC Switches (D4CC-10 @@, 20@@) Without Operation Indicator With Operation Indicator (Lit when Not Actuated) *1 DC Switches (D4CC-30 @@, 40@@) Without Operation Indicator With Operation Indicator (Lit when Not Actuated) *1 *1. "Lit when not actuated" means that when the actuator is in the free position, the indicator is lit, and when the actuator is turned or pushed and the contact comes into contact with the NO side, the indicator turns OFF. *2. The position of the positioning piece is not always the same. If using an L-shaped connector causes problems in application, use a straight connector. Connections Roller Center lever O-ring (NBR) Built-in switch Ground terminal Molded resin Protective nitrile rubber cap (NBR) Nitrile rubber diaphragm O-ring (NBR) Connector receptacle Open space (to reduce a change in internal pneumatic pressure and to prevent the respiratory movement of the Switch.) LED indicator Spacer prevents the Switch from biting cut chips. Pin No.1 COM NC Pin No.2 NO Pin No.4 E E Pin No.1 COM NC Pin No.2 NO Pin No.4 150 k Ω Positioning piece *2 Pin No.1 COM NC Pin No.2 NO Pin No.4 E E Pin No.1 COM NC Pin No.2 NO Pin No.4 30 k Ω Positioning piece *2 Pin No. Plug Cable Brown (Red) White (Orange) Blue (Black) Black (White) Pin No. Plug Cable Brown (Red) White (Orange) Blue (Black) Black (White) For AC For DC Note: Colors in parentheses are the previous wire colors. Wire colors have been changed accompanying changes in standards. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |