Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR1560. Datasheet(PDF) 1 Page - Multicomp Pro

Part # MUR1560.
Description  Ultra Fast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MUR1560. Datasheet(HTML) 1 Page - Multicomp Pro

  MUR1560. Datasheet HTML 1Page - Multicomp Pro MUR1560. Datasheet HTML 2Page - Multicomp Pro MUR1560. Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.1
20/02/23
Ultra Fast Rectifiers
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Features
•  High surge capacity
•  Low power loss high efficiency
•  Glass passivated chip junctions
•  150°C operating junction temperature
•  Low stored charge majority carrier conduction
•  Low forward voltage, high current capability
•  High-switching speed 50 nanosecond recovery time
•  Plastic material used carries Underwriters Laboratory
•  Flammability classification 94V-0
•  For Part Number MUR1540, marking is “U15A40”
Specifications
Reverse Voltage  : 400 and 600 Volts
Forward Current  : 30 Amperes
Characteristic
Symbol
MUR1540
MUR1560
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Vrrm
Vrwm
Vr
400
600
V
RMS Reverse Voltage
Vr(rms)
280
420
Average Rectifier Forward Current
If(av)
15
A
Peak Repetitive Forward Current
(Rate Vr, Square Wave, 20kHz)
Ifm
20
Non-Repetitive Peak Surge Current (Surge applied 
at rate load conditions half-ware, single phase, 60Hz)
Ifsm
225
Operating and Storage Junction Temperature Range
Tj, Tstg
-65 to +150
°C
Maximum Ratings
Electrical Characteristics
Characteristic
Symbol
MUR1540
MUR1560
Units
Maximum Instantaneous Forward Voltage
(If = 15 Amperes Tc = 25°C)
(If = 15 Amperes Tc = 125°C)
Vf
1.3
1.16
1.5
1 .37
V
Maximum Instantaneous Reverse Current
(Rated DC Voltage, Tc = 25°C)
(Rated DC Voltage, Tc = 125°C)
Ir
10
700
mA
Reverse Recovery Time
(If = 0.5A, Ir = 1A, lrr = 0.25A)
Trr
50
ns
Typical Junction Capacitance
(Reverse Voltage of 4 Volts and f = 1MHz)
Cp
150
120
pF


Similar Part No. - MUR1560.

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1560 MOTOROLA-MUR1560 Datasheet
143Kb / 6P
ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
logo
ON Semiconductor
MUR1560 ONSEMI-MUR1560 Datasheet
98Kb / 8P
SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
logo
Fairchild Semiconductor
MUR1560 FAIRCHILD-MUR1560 Datasheet
62Kb / 4P
15A, 400V - 600V Ultrafast Diodes
logo
Intersil Corporation
MUR1560 INTERSIL-MUR1560 Datasheet
31Kb / 3P
15A, 400V - 600V Ultrafast Diodes
January 2000
logo
Micro Commercial Compon...
MUR1560 MCC-MUR1560 Datasheet
233Kb / 2P
15 AMP SUPER FAST GLASS PASSIVATED RECTIFIER 50 TO 600 VOLTS
More results

Similar Description - MUR1560.

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
Ultra Fast Rectifiers
HER601 JUXING-HER601 Datasheet
1Mb / 2P
Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
ULTRA FAST RECTIFIERS
logo
Microdiode Semiconducto...
UF5400 CHENDA-UF5400 Datasheet
534Kb / 2P
ULTRA FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MUR410G YFWDIODE-MUR410G Datasheet
431Kb / 3P
Ultra Fast Rectifiers
logo
SAMYANG ELECTRONICS CO....
US5A SAMYANG-US5A Datasheet
1Mb / 3P
ULTRA FAST RECTIFIERS
logo
Microsemi Corporation
UHVP2802 MICROSEMI-UHVP2802 Datasheet
128Kb / 1P
Ultra Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com