Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7912C Datasheet(PDF) 16 Page - STMicroelectronics

Part # L7912C
Description  Negative voltage regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7912C Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L7912C Datasheet HTML 12Page - STMicroelectronics L7912C Datasheet HTML 13Page - STMicroelectronics L7912C Datasheet HTML 14Page - STMicroelectronics L7912C Datasheet HTML 15Page - STMicroelectronics L7912C Datasheet HTML 16Page - STMicroelectronics L7912C Datasheet HTML 17Page - STMicroelectronics L7912C Datasheet HTML 18Page - STMicroelectronics L7912C Datasheet HTML 19Page - STMicroelectronics L7912C Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Package mechanical data
L79xxC
16/24
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.035
b1
1.15
1.70
0.045
0.067
c0.49
0.70
0.019
0.028
D
15.25
15.75
0.600
0.620
E
10.0
10.40
0.394
0.409
e
2.4
2.7
0.094
0.106
e1
4.95
5.15
0.195
0.203
F1.23
1.32
0.048
0.052
H1
6.2
6.6
0.244
0.260
J1
2.40
2.72
0.094
0.107
L13.0
14.0
0.512
0.551
L1
3.5
3.93
0.138
0.155
L20
16.4
0.646
L3028.9
1.138
φP
3.75
3.85
0.148
0.152
Q
2.65
2.95
0.104
0.116
TO-220 (A type) mechanical data
0015988/N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com