Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-R3132B Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R3132B
Description  GaAsP /GaP Yellow Low power consumption.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R3132B Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-R3132B Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R3132B Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R3
31
13
32
2B
B
Ver.1.0 Page: 2 of 2
SINCE 1981
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
-
2.1
2.6
V
Luminous Intensity
Iv
IF=20mA
-
4.0
-
mcd
Reverse Current
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=20mA
-
585
-
nm
Dominant Wave Length
λ
d
IF=20mA
582
-
595
nm
Spectral Line Half-width
∆λ
IF=20mA
-
35
-
nm
Viewing Angle
1/2
IF=20mA
-
120
-
deg
● Typical electro-optical characteristics curves
3.0
0
1.0
2.0
20
10
30
40
50
4.0
0
20
10
30
40
50
2
1
35
4
535
0
0.5
1.0
585
635
0.5
-40
0
-20
0
20
2.0
1.0
1.5
2.5
3.0
40
60
0
20
10
10
30
20
40
60
40
50
60
100
80
Fig.3 Forward current vs. Forward voltage
Forward current (mA)
Fig.5 Relative luminous intensity
vs. Forward current
Forward voltage(V)
Fig.1 Relative intensity vs. Wavelength
Wavelength λ (nm)
Fig.4 Relative luminous intensity
Ambient temperature Ta( )
vs. Ambient temperature
Ambient temperature Ta( )
vs. Ambient temperature
Fig.2 Forward current derating curve
0.3
0.7
0.5
0.9
0.8
1.0
0.2
0.1
0.4
0.6
90
80
70
60
50
40
Fig.6 Radiation diagram
10
020
30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com