Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7705BCP Datasheet(PDF) 5 Page - Texas Instruments

Part # TL7705BCP
Description  TL7702B, TL7733B, and TL7705B Supply-Voltage Supervisors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7705BCP Datasheet(HTML) 5 Page - Texas Instruments

  TL7705BCP Datasheet HTML 1Page - Texas Instruments TL7705BCP Datasheet HTML 2Page - Texas Instruments TL7705BCP Datasheet HTML 3Page - Texas Instruments TL7705BCP Datasheet HTML 4Page - Texas Instruments TL7705BCP Datasheet HTML 5Page - Texas Instruments TL7705BCP Datasheet HTML 6Page - Texas Instruments TL7705BCP Datasheet HTML 7Page - Texas Instruments TL7705BCP Datasheet HTML 8Page - Texas Instruments TL7705BCP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
6.4 Thermal Information
THERMAL METRIC(1) (2)
TL77xxB
UNIT
D (SOIC)
P (PDIP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
109.2
51.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
56
40.6
°C/W
RθJB
Junction-to-board thermal resistance
49.9
28.6
°C/W
ψJT
Junction-to-top characterization parameter
11.4
17.7
°C/W
ψJB
Junction-to-board characterization parameter
49.4
28.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Maximum power dissipation is a function of TJ(max), RθJA , and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA) / RθJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
www.ti.com
TL7702B, TL7705B, TL7733B
SLVS037O – SEPTEMBER 1989 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com