Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72116DBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS72116DBVT
Description  LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS72116DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS72116DBVT Datasheet HTML 3Page - Texas Instruments TPS72116DBVT Datasheet HTML 4Page - Texas Instruments TPS72116DBVT Datasheet HTML 5Page - Texas Instruments TPS72116DBVT Datasheet HTML 6Page - Texas Instruments TPS72116DBVT Datasheet HTML 7Page - Texas Instruments TPS72116DBVT Datasheet HTML 8Page - Texas Instruments TPS72116DBVT Datasheet HTML 9Page - Texas Instruments TPS72116DBVT Datasheet HTML 10Page - Texas Instruments TPS72116DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
APPLICATION INFORMATION
DEVICE OPERATION
NC
OUT
1
3
IN
EN
GND
2
4
5
VI
VO
0.1
µF
TPS721xx
0.1
µF
DUAL SUPPLY APPLICATION
TPS72101
,, TPS72115
TPS72116, TPS72118
SLVS352C – DECEMBER 2001 – REVISED MARCH 2006
The TPS721xx family of low-dropout (LDO) regulators functions with a very low input voltage (>1.8 V). The
dropout voltage is typically 150 mV at full load. Typical quiescent current (ground pin current) is only 85 µA and
drops to 1 µA in the shutdown mode.
The TPS721xx family can be operated at low input voltages due to low voltage circuit design techniques and a
PMOS pass element that exhibits low dropout.
A logic low on the enable input, EN, shuts off the output and reduces the supply current to less than 1 µA. EN
may be tied to VIN in applications where the shutdown feature is not used.
Current limiting and thermal protection prevent damage by excessive output current and/or power dissipation.
The device switches into a constant-current mode at approximately 350 mA; further load reduces the output
voltage instead of increasing the output current. The thermal protection shuts the regulator off if the junction
temperature rises above 170°C. Recovery is automatic when the junction temperature drops approximately 20°C
below the high temperature trip point. The PMOS pass element includes a back diode that safely conducts
reverse current when the input voltage level drops below the output voltage level.
A typical application circuit is shown in Figure 18.
Figure 18. Typical Application Circuit
In portable, battery-powered electronics, separate power rails for the DSP or microcontroller core voltage,
V(CORE), and I/O peripherals (VIO) are usually necessary. The TPS721xx family of LDO linear regulators is ideal
for providing V(CORE) for the DSP or microcontroller. As shown in Figure 19, two AAA batteries provide an input
voltage to a boost converter and the TPS72115 LDO linear regulator. The batteries combine input voltage ranges
from 3.0 V down to 1.8 V near the end of their useful lives. Therefore, a boost converter is necessary to provide
the typical 3.3 V needed for VIO, and the TPS72115 linear regulator provides a regulated V(CORE) voltage, which
in this example is 1.5 V. Although there is no explicit circuitry to perform power-up sequencing of first V(CORE)
then VIO, the output of the linear regulator reaches its regulated voltage much faster (< 400 µs) than the output of
any switching type boost converter due to the inherent slow start up of those types of converters. Assuming a
boost converter with minimum VI of 1.8 V is appropriately chosen, this power supply solution can be used over
the entire life of the two off-the-shelf AAA batteries. Thus, this solution is very efficient and the design time and
overall cost of the solution is minimized.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com