Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2950
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950 Datasheet(HTML) 3 Page - Texas Instruments

  LP2950_08 Datasheet HTML 1Page - Texas Instruments LP2950_08 Datasheet HTML 2Page - Texas Instruments LP2950_08 Datasheet HTML 3Page - Texas Instruments LP2950_08 Datasheet HTML 4Page - Texas Instruments LP2950_08 Datasheet HTML 5Page - Texas Instruments LP2950_08 Datasheet HTML 6Page - Texas Instruments LP2950_08 Datasheet HTML 7Page - Texas Instruments LP2950_08 Datasheet HTML 8Page - Texas Instruments LP2950_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
VOUT
IL 3 100 mA
ERROR
Amplifier
−
+
1.23-V
Reference
INPUT
OUTPUT
GND
+
+
Unregulated DC
+
See Application
Information
To CMOS
or TTL
VOUT
IL 3 100 mA
ERROR
Amplifier
−
+
1.235-V
Reference
INPUT
SENSE
GND
+
+
+
Unregulated DC
FEEDBACK
−
+
VTAP
ERROR
SHUTDOWN
+
330 kW
ERROR Detection Comparator
4
5
6
2
OUTPUT
1
8
7
3
From
CMOS
or TTL
60 mV
See Application Information
See Application
Information
LP2950
,, LP2951
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
WITH SHUTDOWN
SLVS582D – APRIL 2006 – REVISED MARCH 2007
LP2950 FUNCTIONAL BLOCK DIAGRAM
LP2951 FUNCTIONAL BLOCK DIAGRAM
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com