Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLP124C Datasheet(PDF) 2 Page - Sumida Corporation

Part # CLP124C
Description  LAN Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLP124C Datasheet(HTML) 2 Page - Sumida Corporation

  CLP124C Datasheet HTML 1Page - Sumida Corporation CLP124C Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LAN Transformer< SMD Type: CLP Series>
Type: CLP124C/MS
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification(FB3330A)
MEASURING CONDITIONS
-9.5dB MIN.
100kHz~1MHz
-7dB MIN.
1.01MHz~5MHz
-6.5dB MIN.
5.01MHz~10MHz
-7dB MIN.
10.01MHz~31.25MHz
-7.5dB MIN.
31.26MHz~62.5MHz
-8dB MIN.
62.51MHz~100MHz
-8.5dB MIN.
100.01MHz~125MHz
IL
-8.5dB MIN.
125.01MHz~140MHz
-5dB MAX.
100kHz~1MHz
-20dB MAX.
1.01MHz~5MHz
-30dB MAX.
5.01MHz~15MHz
-25dB MAX.
15.01MHz~31.25MHz
-20dB MAX.
31.26MHz~62.5MHz
-18dB MAX.
62.51MHz~80MHz
-16dB MAX.
80.01MHz~100MHz
-12dB MAX.
100.01MHz~125MHz
RL
-8dB MAX.
125.01MHz~140MHz
-15dB MAX.
100kHz~1MHz
-27dB MAX.
1.01MHz~5MHz
-30dB MAX.
5.01MHz~10MHz
-30dB MAX.
5.01MHz~15MHz
-25dB MAX.
15.01MHz~31.25MHz
-20dB MAX.
31.26MHz~62.5MHz
-16dB MAX.
62.51MHz~100MHz
-15dB MAX.
100.01MHz~125MHz
ISO
-12dB MAX.
125.01MHz~140MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com